Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology LTC4352 Datasheet HTML 11Page - Linear Technology LTC4352 Datasheet HTML 12Page - Linear Technology LTC4352 Datasheet HTML 13Page - Linear Technology LTC4352 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC4235
10
4235f
For more information www.linear.com/LTC4235
operaTion
The LTC4235 functions as an input supply diode-OR with
inrush current limiting and overcurrent protection by
controlling the external N-channel MOSFETs (MD1, MD2
and MH) on a supply path. This allows boards to be safely
insertedandremovedinsystemswithabackplanepowered
byredundantsupplies.TheLTC4235hasasingleHotSwap
controller and two separate ideal diode controllers, each
providing independent control for the two input supplies.
When the LTC4235 is first powered up, the gates of the
external MOSFETs are held low, keeping them off. As the
DGATE2pull-upcanbedisabledbytheD2OFFpin,DGATE2
will pull high only when the D2OFF pin is pulled low. The
gate drive amplifier (GD1, GD2) monitors the voltage be-
tween the IN and SENSE+ pins and drives the respective
DGATE pin. The amplifier quickly pulls up the DGATE pin,
turning on the MOSFET for ideal diode control, when it
senses a large forward voltage drop. With the ideal diode
MOSFETs acting as input supply diode-OR, the SENSE+
pin voltage rises to the highest of the supplies at the IN1
and IN2 pins. An external capacitor connected at the CPO
pin provides the charge needed to quickly turn on the ideal
diode MOSFET. An internal charge pump charges up this
capacitor at device power-up. The DGATE pin sources
current from the CPO pin and sinks current into the IN
and GND pins.
Pulling the ON pin high and EN pin low initiates a 100ms
debounce timing cycle. After this timing cycle, a 10µA cur-
rent source from the charge pump ramps up the HGATE
pin. When the Hot Swap MOSFET turns on, the inrush
current is limited at a level set by an external sense resistor
(RS) connected between the SENSE+ and SENSE– pins.
An active current limit amplifier (CL) servos the gate of
the MOSFET to 25mV or less across the current sense
resistor depending on the voltage at the OUT pin. Inrush
current can be further reduced, if desired, by adding a
capacitor from HGATE to GND. When OUT voltage rises
above 10.5V and the MOSFET’s gate drive (HGATE to OUT
voltage) exceeds 4.2V, the PWRGD pin pulls low.
The high side current sense amplifier (CM) provides ac-
curate monitoring of current through the current sense
resistor. The sense voltage is amplified by 100 times and
level shifted from the positive rail to a ground-referred
output at the IMON pin. The output signal is analog and
may be used as is or measured with an ADC.
When the ideal diode MOSFET is turned on, the gate drive
amplifier controls DGATE to servo the forward voltage
drop (VIN – VSENSE+) across the MOSFET to 15mV. If the
load current causes more than 15mV of voltage drop,
the gate voltage rises to enhance the MOSFET. For large
output currents, the MOSFET’s gate is driven fully on and
the voltage drop is equal to ILOAD•RDS(ON) of the MOSFET.
In the case of an input supply short-circuit when the
MOSFETs are conducting, a large reverse current starts
flowing from the load towards the input. The gate drive
amplifier detects this failure condition and turns off the
ideal diode MOSFET by pulling down the DGATE pin.
In the case where an overcurrent fault occurs on the sup-
ply output, the current is limited with foldback. After a
delay set by 100µA charging the FTMR pin capacitor, the
fault timer expires and pulls the HGATE pin low, turning
off the Hot Swap MOSFET. The FAULT pin is also latched
low. At this point, the DGATE pin continues to pull high
and keeps the ideal diode MOSFET on.
Internal clamps limit both the DGATE to IN and CPO to IN
voltages to 12V. The same clamp also limits the DGATE
and CPO pins to a diode voltage below the IN pin. Another
internal clamp limits the HGATE to OUT voltage to 12V
and also clamps the HGATE pin to a diode voltage below
the OUT pin.
Power to the LTC4235 is supplied from either the IN or
OUT pins, through an internal diode-OR circuit to a low
dropout regulator (LDO). That LDO generates a 5V supply
at the INTVCC pin and powers the LTC4235’s internal low
voltage circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com