Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 12Page - Linear Technology LTC4352 Datasheet HTML 13Page - Linear Technology LTC4352 Datasheet HTML 14Page - Linear Technology LTC4352 Datasheet HTML 15Page - Linear Technology LTC4352 Datasheet HTML 16Page - Linear Technology LTC4352 Datasheet HTML 17Page - Linear Technology LTC4352 Datasheet HTML 18Page - Linear Technology LTC4352 Datasheet HTML 19Page - Linear Technology LTC4352 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC4235
16
4235f
For more information www.linear.com/LTC4235
applicaTions inForMaTion
REG Pin Bypassing
The LTC4235 has an internally regulated supply near
SENSE+ for internal bias of the current sense amplifier. It
is not intended for use as a supply or bias pin for external
circuitry. A 0.1µF capacitor should be connected between
theREGandSENSE+pins.Thiscapacitorshouldbelocated
very near to the device and close to the REG pin for the
best performance.
REG and IMON Start-Up
The start-up current of the current sense amplifier when
the LTC4235 is powered on consists of two parts: the
first is the current necessary to charge the REG bypass
capacitor,whichisnominally0.1µF.SincetheREGvoltage
charges to approximately 4.1V below the SENSE+ voltage,
this can require a significant amount of start-up current.
The second source is the output current that flows into
ROUT, which upon start-up may temporarily drive the
IMON output high for less than 2ms. This is a temporary
conditionwhichwillceasewhenthesenseamplifiersettles
into normal closed-loop operation.
CPO and DGATE Start-Up
The CPO and DGATE pin voltages are initially pulled up
to a diode below the IN pin when first powered up. CPO
starts ramping up 7µs after INTVCC clears its undervolt-
age lockout level. Another 40µs later, DGATE also starts
ramping up with CPO. The CPO ramp rate is determined
by the CPO pull-up current into the combined CPO and
DGATE pin capacitances. An internal clamp limits the CPO
pin voltage to 12V above the IN pin, while the final DGATE
pin voltage is determined by the gate drive amplifier. An
internal 12V clamp limits the DGATE pin voltage above IN.
CPO Capacitor Selection
The recommended value of the capacitor between the CPO
and IN pins is approximately 10× the input capacitance
CISS of the ideal diode MOSFET. A larger capacitor takes
a correspondingly longer time to charge up by the internal
charge pump. A smaller capacitor suffers more voltage
drop during a fast gate turn-on event as it shares charge
with the MOSFET gate capacitance.
MOSFET Selection
The LTC4235 drives N-channel MOSFETs to conduct the
load current. The important features of the MOSFETs are
on-resistanceRDS(ON),themaximumdrain-sourcevoltage
BVDSS and the threshold voltage.
The gate drive for the ideal diode and Hot Swap MOSFET
is guaranteed to be greater than 10V and is limited to 14V.
An external Zener diode can be used to clamp the potential
from the MOSFET’s gate to source if the rated breakdown
voltage is less than 14V.
The maximum allowable drain-source voltage BVDSS
must be higher than the supply voltage including supply
transients as the full supply voltage can appear across the
MOSFET. If an input or output is connected to ground, the
full supply voltage will appear across the MOSFET. The
RDS(ON) should be small enough to conduct the maximum
load current, and also stay within the MOSFET’s power
rating.
Supply Transient Protection
When the capacitances at the input and output are very
small, rapid changes in current during input or output
short-circuit events can cause transients that exceed the
24V absolute maximum ratings of the IN and OUT pins.
To minimize such spikes, use wider traces or heavier
trace plating to reduce the power trace inductance. Also,
bypass locally with a 10µF electrolytic and 0.1µF ceramic,
or alternatively clamp the input with a transient voltage
suppressor (Z1, Z2). A 100Ω, 0.1µF snubber damps the
response and eliminates ringing (See Figure 10).
Design Example
As a design example for selecting components, consider a
12V system with a 7A maximum load current for the two
supplies (see Figure 1).
First, select the appropriate value of the current sense
resistor RSforthe12Vsupply.Calculatethesenseresistor
value based on the maximum load current ILOAD(MAX) and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com