Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 13Page - Linear Technology LTC4352 Datasheet HTML 14Page - Linear Technology LTC4352 Datasheet HTML 15Page - Linear Technology LTC4352 Datasheet HTML 16Page - Linear Technology LTC4352 Datasheet HTML 17Page - Linear Technology LTC4352 Datasheet HTML 18Page - Linear Technology LTC4352 Datasheet HTML 19Page - Linear Technology LTC4352 Datasheet HTML 20Page - Linear Technology LTC4352 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC4235
17
4235f
For more information www.linear.com/LTC4235
applicaTions inForMaTion
the lower limit for the current limit sense voltage threshold
∆VSENSE(TH)(MIN).
RS =
ΔVSENSE(TH)(MIN)
ILOAD(MAX)
=
22.5mV
7A
= 3.2mΩ
Choose a 3mΩ sense resistor with a 1% tolerance.
Next, calculate the RDS(ON) of the ideal diode MOSFET to
achievethedesiredforwarddropatmaximumload.Assum-
ing a forward drop, ∆VFWD of 30mV across the MOSFET:
RDS(ON) ≤
ΔVFWD
ILOAD(MAX)
=
30mV
7A
= 4.2mΩ
The SiR158DP offers a good choice with a maximum
RDS(ON) of 1.8mΩ at VGS = 10V. The input capacitance
CISS of the SiR158DP is about 4980pF. Slightly exceeding
the 10× recommendation, a 0.1µF capacitor is selected
for C2 and C3 at the CPO pins.
Next, verify that the thermal ratings of the selected Hot
Swap MOSFET are not exceeded during power-up or an
overcurrent fault.
Assuming the MOSFET dissipates power due to inrush
current charging the load capacitor CL at power-up, the
energy dissipated in the MOSFET is the same as the energy
stored in the load capacitor, and is given by:
ECL =
1
2
• CL • VIN2
For CL = 680µF, the time it takes to charge up CL is cal-
culated as:
tCHARGE =
CL • VIN
IINRUSH
=
680µF • 12V
1A
= 8ms
The inrush current is set to 1A by adding capacitance CHG
at the gate of the Hot Swap MOSFET.
CHG =
CL • IHGATE(UP)
IINRUSH
=
680µF • 10µA
1A
= 6.8nF
Choose a practical value of 10nF for CHG.
TheaveragepowerdissipatedintheMOSFETiscalculatedas:
PAVG =
ECL
tCHARGE
=
1
2
•
680µF • 12V
(
)
2
8ms
= 6W
The MOSFET selected must be able to tolerate 6W for 8ms
duringpower-up.TheSOAcurvesoftheSiR158DPprovide
45W (1.5A at 30V) for 100ms. This is sufficient to satisfy
the requirement. The increase in junction temperature due
to the power dissipated in the MOSFET is ∆T = PAVG • ZthJC
where ZthJC is the junction-to-case thermal impedance.
Under this condition, the SiR158DP data sheet indicates
that the junction temperature will increase by 3°C using
ZthJC = 0.5°C/W (single pulse).
Next, the power dissipated in the MOSFET during an
overcurrent fault must be safely limited. The fault timer
capacitor (CFT) is used to prevent power dissipation in
the MOSFET from exceeding the SOA rating during active
current limit. A good way to determine a suitable value
for CFT is to superimpose the foldback current limit profile
shown in the Typical Performance Characteristics on the
MOSFET data sheet’s SOA curves.
For the SiR158DP MOSFET, this exercise yields the plot
in Figure 6.
1ms
10ms
100ms
1s
10s
DC
BVDSS LIMITED
ID LIMITED
IDM LIMITED
LIMITED BY RDS(ON)*
MOSFET POWER
DISSIPATION CURVE
RESULTING FROM
FOLDBACK ACTIVE
CURRENT LIMIT
VDS – DRAIN-TO-SOURCE VOLTAGE (V)
4235 F06
100
10
1
0.1
0.01
0.01
10
100
1
0.1
* VGS > MINIMUM VGS AT WHICH RDS(ON) IS SPECIFIED
Figure 6. SiR158DP SOA with Design Example
MOSFET Power Dissipation Superimposed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com