Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 3Page - Linear Technology LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology LTC4352 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC4235
7
4235f
For more information www.linear.com/LTC4235
pin FuncTions
CPO1, CPO2: Charge Pump Output. Connect a capacitor
from CPO1 or CPO2 to the corresponding IN1 or IN2 pin.
The value of this capacitor is approximately 10x the gate
capacitance (CISS) of the external MOSFET for ideal diode
control. The charge stored on this capacitor is used to pull
up the ideal diode MOSFET gate during a fast turn-on.
Leavethispinopeniffastidealdiodeturn-onisnotneeded.
DGATE1, DGATE2: Ideal Diode MOSFET Gate Drive Out-
put. Connect this pin to the gate of an external N-channel
MOSFET for ideal diode control. An internal clamp limits
the gate voltage to 12V above and a diode voltage below
IN.Duringfastturn-on,a1.5Apull-upchargesDGATEfrom
CPO. During fast turn-off, a 1.5A pull-down discharges
DGATE to IN.
D2OFF: Control Input. A rising edge above 1.235V turns
off the external ideal diode MOSFET in the IN2 supply path
and a falling edge below 1.215V allows the MOSFET to be
turned on. Connect this pin to an external resistive divider
fromIN1tomakeIN1thehigherpriorityinputsupplywhen
IN1 and IN2 are equal.
EN: Enable Input. Ground this pin to enable Hot Swap
control. If this pin is pulled high, the Hot Swap MOSFET
is not allowed to turn on. A 10µA current source pulls
this pin up to a diode below INTVCC. Upon EN going low
when ON is high, there is a start-up delay of 100ms for
debounce, after which the fault is cleared.
FAULT: Overcurrent Fault Status Output. Output that pulls
low when the fault timer expires during an overcurrent
fault. Otherwise it is pulled high by a 10µA current source
to a diode below INTVCC. It may be pulled above INTVCC
using an external pull-up. Leave open if unused.
FTMR:FaultTimerCapacitorTerminal.Connectacapacitor
between this pin and ground to set a 12ms/µF duration
for current limit before the external Hot Swap MOSFET is
turned off. The duration of the off time is 8s/µF, resulting
in a 0.15% duty cycle.
GND: Device Ground.
HGATE: Hot Swap MOSFET Gate Drive Output. Connect
this pin to the gate of the external N-channel MOSFET for
HotSwapcontrol.Aninternal10µAcurrentsourcecharges
the MOSFET gate. An internal clamp limits the gate volt-
age to 12V above and a diode voltage below OUT. During
an undervoltage generated turn-off, a 2mA pull-down
discharges HGATE to ground. During an output short or
INTVCC undervoltage lockout, a fast 200mA pull-down
discharges HGATE to OUT.
IN1, IN2: Positive Supply Input and Ideal Diode MOSFET
Gate Drive Return. Connect this pin to the power input
side of the external ideal diode MOSFET. The 5V INTVCC
supply is generated from IN1, IN2 and OUT via an internal
diode-OR. The voltage sensed at this pin is used to control
DGATE. The gate fast pull-down current returns through
this pin when DGATE is discharged.
INTVCC: Internal 5V Supply Decoupling Output. This pin
must have a 0.1µF or larger capacitor to GND. An external
load of less than 500µA can be connected at this pin. An
undervoltage lockout threshold of 2.2V will turn off both
MOSFETs.
IMON: Current Sense Monitoring Output. This pin voltage
is proportional to the sense voltage across the current
sense resistor with a voltage gain of 100. An internal 20k
resistor is connected from this pin to ground.
ON: ON Control Input. A rising edge above 1.235V turns
on the external Hot Swap MOSFET and a falling edge below
1.155V turns it off. Connect this pin to an external resistive
divider from SENSE+ to monitor the supply undervoltage
condition. Pulling the ON pin below 0.6V resets the fault
latch after an overcurrent fault. Tie to INTVCC if unused.
OUT: Hot Swap MOSFET Gate Drive Return. Connect this
pintotheoutputsideoftheexternalMOSFET.Thegatefast
pull-down current returns through this pin when HGATE
is discharged. An internal resistive divider connected be-
tween this pin and GND is used for current limit foldback
and power good monitor for 12V operation. If the OUT
voltage falls below 10.33V, the PWRGD pin pulls high to
indicate the power is bad. If the voltage falls below 7.65V,
the output current limit is reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com