Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 12Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 13Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 14Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 15Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 16Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 17Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 18Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
2002 Jun 07
19
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
Table 5
Multiplier of ripple current (IR) as a function of frequency
SPECIFIC TESTS AND REQUIREMENTS
General tests and requirements are specified in data handbook BC01, section “Tests and Requirements”.
Table 6
Test procedures and requirements
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 25 V
UR =40to 63V
UR = 100 to 200 V
50
0.95
0.9
0.85
100
1.0
1.0
1.0
300
1.07
1.12
1.2
1000
1.12
1.2
1.3
3000
1.15
1.25
1.35
≥10000
1.2
1.3
1.4
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 125 °C; UR applied;
case sizes:
6.5
× 18 to 10 × 25 mm: 2000 hours;
10
× 30 to 21 × 38 mm: 3000 hours
UR ≤ 6.3 V; ∆C/C: +15/−30%
UR > 6.3 V; ∆C/C: ±15%
tan
δ≤ 1.3 × spec. limit
Z
≤ 2 × spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 125 °C; UR and IR applied;
case
∅D × L= 6.5 × 18 to 10 × 25 mm:
4000 hours;
case
∅D × L= 10 × 30 to 21 × 38 mm:
8000 hours
UR ≤ 6.3 V; ∆C/C: +45/−50%
UR > 6.3 V; ∆C/C: ±45%
tan
δ≤ 3 × spec. limit
Z
≤ 3 × spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤1%
(200 V
≤ 3%)
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 125 °C; no voltage applied;
UR = 6.3 to 63 V: 500 hours;
UR = 100 and 200 V: 100 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
∆C/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 × spec. limit
Reverse voltage
IEC 60384-4/
EN130300
subclause 4.15
Tamb = 125 °C:
125 hours at U =
−1V
followed by 125 hours at UR
∆C/C: ±20%
tan
δ≤ spec. limit
IL5 ≤ spec. limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com