Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  118AHT Datasheet HTML 1Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 2Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 3Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
2002 Jun 07
5
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
Table 1
Axial; physical dimensions, mass and packaging quantities; see Figs 2 and 3
Table 2
Mounting ring; physical dimensions, mass and packaging quantities; see Fig.4
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
AXIAL: FORM AA, BA and BR
MASS
(g)
PACKAGING QUANTITIES
∅d
(mm)
I
(mm)
∅Dmax
(mm)
Lmax
(mm)
Fmin
(mm)
FORM
AA
FORM
BA
FORM
BR
6.5
× 18
4
0.8
−
6.9
18.5
25
≈1.3
−
1000
1000
8
× 18
5
0.8
−
8.5
18.5
25
≈1.7
−
500
500
10
× 18
6
0.8
−
10.5
18.5
25
≈2.5
−
500
500
10
× 25
7
0.8
−
10.5
25.0
30
≈3.3
−
500
500
10
× 30
00
0.8
55
±1
10.5
30.5
35
≈4.8
200
−
500
12.5
× 30
01
0.8
55
±1
13.0
30.5
35
≈7.4
200
−
400
15
× 30
02
0.8
55
±1
15.5
30.5
35
≈11.7
200
−
250
18
× 30
03
0.8
55
±1
18.5
30.5
35
≈12.9
200
−−
18
× 38
04
0.8
34
±1
18.5
39.0
44
≈19.0
100
−−
21
× 38
05
0.8
34
±1
21.5
39.0
44
≈24.0
100
−−
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
∅d1
(mm)
∅d2
(mm)
∅Dmax
(mm)
∅D2max
(mm)
D3
(mm)
Lmax
(mm)
15
× 30
02
0.8
1.0 +0.4
15.5
17.5
16.5
±0.2
33
≈8.6
200
18
× 30
03
0.8
1.0 +0.4
18.5
19.5
18.5
±0.2
33
≈11.5
200
18
× 38
04
0.8
1.0 +0.4
18.5
19.5
18.5
±0.2
42
≈14.0
100
21
× 38
05
0.8
1.0 +0.4
21.5
22.5
21.5
±0.2
42
≈19.0
100
D3
d2
120
°
(3
×)
CCB063
D
L
∅D2
∅d1
90
° ±2°
(3
×)
mounting holes
1.3 +
0.1
0
(3
×)
3.6 +
0.2
−0.4
1 +
1.0
−0.5
1.05 +
0.03
−0.1
(3
×)
1.3
0
−0.05
(3
×)
Fig.4 Mounting hole diagram and outline; Form MR; mounting ring and pins.
Dimensions in mm.
Form MR: case
∅D × L= 15 × 30 to 21 × 38 mm.
Case not insulated (insulation on request).
Especially for applications with severe shocks and vibrations.
For dimensions see Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com