Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  118AHT Datasheet HTML 1Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 2Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 3Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2002 Jun 07
3
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
Selection chart for CR, UR and relevant nominal case sizes (∅D × L in mm)
Preferred types in bold.
CR
(
µF)
UR (V)
6.3
10
16
25
40
63
100
200
1.0
−
−−−−
6.5
× 18
−−
2.2
−
−−−−
6.5
× 18
−−
4.7
−
−−−−
6.5
× 18
6.5
× 18
8
× 18
10
−
−−−−
6.5
× 18
6.5
× 18
10
× 25
15
−
−−−−−
−
10
× 30
22
−
−−−−
6.5
× 18
8
× 18
12.5
× 30
33
−
−−−−−
10
× 25
15
× 30
47
−
−−−
6.5
× 18
8
× 18
10
× 25
18
× 30
−
−−−−−
10
× 30
−
68
−
−−−−−
12.5
× 30
−
100
−−
−
6.5
× 18
8
× 18
10
× 25
12.5
× 30
21
× 38
−
−−−−
10
× 30
−−
150
−
−−−
10
× 18
12.5
× 30
−−
220
−
6.5
× 18
8
× 18
10
× 18
10
× 25
12.5
× 30
18
× 30
−
−
−−−
10
× 30
−−
−
330
−
8
× 18
−−
12.5
× 30
−−
−
470
−
8
× 18
10
× 18
10
× 25
12.5
× 30
18
× 30
21
× 38
−
−−
−
10
× 30
−−
−−
680
−−
−
12.5
× 30
−−
−−
1000
10
× 18
10
× 25
12.5
× 30
12.5
× 30
18
× 30
21
× 38
−−
−
10
× 30
−−−−
−−
1500
10
× 25
12.5
× 30
12.5
× 30
15
× 30
18
× 38
−−
−
2200
−
12.5
× 30
15
× 30
18
× 30
21
× 38
−−
−
3300
−
15
× 30
18
× 30
18
× 38
−−
−−
4700
−
18
× 30
18
× 38
21
× 38
−−
−−
6800
−
18
× 38
21
× 38
−−−
−−
10000
−
21
× 38
−−−−
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com