Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 10Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 12Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
200
2.2
6.5
× 18
4
27
20
4.9
0.06
44
23
−
118 90537
118 90538
−
4.7
8
× 18
5
46
20
5.9
0.06
21
11
−
118 90539
118 90541
−
10
10
× 25
7
85
20
8.0
0.06
9.4
5.0
−
118 90542
118 90543
−
15
10
× 30
00
150
22
10
0.046
4.76
3.75
118 92159
118 90012
−−
22
12.5
× 30
01
210
31
13
0.046
3.17
2.22
118 92229
118 90013
−−
33
15
× 30
02
290
44
17
0.046
2.11
1.11
118 92339
118 90014
−
118 90002
47
18
× 30
03
390
61
23
0.046
1.48
0.60
118 92479
−−
118 90003
68
18
× 38
04
500
86
31
0.046
1.02
0.42
118 92689
−−
118 90004
100
21
× 38
05
610
124
44
0.046
0.96
0.39
118 92101
−−
118 90005
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1min
(
µA)
IL5
5min
(
µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
CATALOGUE NUMBER 2222 ... .....
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com