Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  118AHT Datasheet HTML 1Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 2Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 3Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2002 Jun 07
4
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
MECHANICAL DATA, AVAILABLE FORMS AND PACKAGING QUANTITIES
Fig.2 Dimensional outline; Forms BA and BR.
Dimensions in mm.
Form BR: Taped on reel,
case
∅D × L= 6.5 × 18 to 15 × 30 mm.
Form BA: Taped in box (ammopack),
case
∅D × L= 6.5 × 18 to 10 × 25 mm.
For dimensions see Table 1.
Tape dimensions are specified in data handbook BC01, section “Packaging”.
MBC193 - 1
73
1.6
L
D
d
O
O
F
+
Fig.3 Dimensional outline; Form AA.
Dimensions in mm.
Form AA: Axial in box,
case
∅D × L= 10 × 30 to 21 × 38 mm.
For dimensions see Table 1.
CCB086
∅D
33
±1
L
l
∅d
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com