Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 12Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 13Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 14Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 15Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 16Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 17Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 18Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
2002 Jun 07
17
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
Fig.17 Typical impedance as a function of frequency.
Curve 1: 47
µF, 200 V.
Curve 2: 220
µF, 100 V.
Curve 3: 470
µF, 63 V.
Curve 4: 1000
µF, 40 V.
Curve 5: 2200
µF, 25 V.
Curve 6: 3300
µF, 18 V.
Curve 7: 4700
µF, 10 V.
Curve 8: 6800
µF, 6.3 V.
Case
∅D × L= 18 × 30 mm.
Tamb = −40 °C.
10
6
MGB250
10
5
10
4
10
3
10
2
10
10 7
f (Hz)
1
3
8
103
102
10
1
10 1
Z
(
)
Ω
2
4
5
6
7
Fig.18 Typical impedance as a function of frequency.
Curve 1: 47
µF, 200 V.
Curve 2: 220
µF, 100 V.
Curve 3: 470
µF, 63 V.
Curve 4: 1000
µF, 40 V.
Curve 5: 2200
µF, 25 V.
Curve 6: 3300
µF, 18 V.
Curve 7: 4700
µF, 10 V.
Curve 8: 6800
µF, 6.3 V.
Case size
∅D × L= 18 × 30 mm.
Tamb =20 °C.
10
6
MGB251
10
5
10
4
10
3
10
2
10
10 7
f (Hz)
10 2
10 2
10
1
10 1
Z
(
)
Ω
1
2
3
4
5
6
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com