Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 10Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 12Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 13Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 14Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 15Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
2002 Jun 07
12
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
Fig.7 Typical multiplier of capacitance as a function of frequency.
Curve1: 63V to 200V (
<15 µF).
Curve 2: 63 V; 100 V (
≥15 µF).
Curve 3: 40 V.
Curve 4: 25 V.
Curve 5: 16 V.
Curve 6: 10 V.
Curve 7: 6.3 V.
C0 = capacitance at 20 °C; 100 Hz.
Case
∅D × L= 6.5 × 18 to 10 × 25 mm.
0
10 5
MGB240
10 4
10 3
10 2
10
f (Hz)
0.2
0.4
0.6
0.8
1.0
1.2
1
4
5
6
7
C
0
C
2
3
Fig.8 Typical multiplier of capacitance as a function of frequency.
Curve 1: 200 V.
Curve 2: 100 V.
Curve 3: 63 V.
Curve 4: 40 V.
Curve 5: 25 V.
Curve 6: 16 V.
Curve 7: 10 V.
Curve 8: 6.3 V.
C0 = capacitance at 20 °C; 100 Hz.
Case
∅D × L= 10 × 30 to 21 × 38 mm.
0.5
10 4
MGB241
10 3
10 2
10
f (Hz)
0.6
0.7
0.8
0.9
1.0
1.1
1
8
C
0
C
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com