Electronic Components Datasheet Search
  English  ▼

X  

MICRF500 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF500
Description  700MHz to 1.1GHz RadioWire RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF500 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF500 Datasheet HTML 1Page - Micrel Semiconductor MICRF500 Datasheet HTML 2Page - Micrel Semiconductor MICRF500 Datasheet HTML 3Page - Micrel Semiconductor MICRF500 Datasheet HTML 4Page - Micrel Semiconductor MICRF500 Datasheet HTML 5Page - Micrel Semiconductor MICRF500 Datasheet HTML 6Page - Micrel Semiconductor MICRF500 Datasheet HTML 7Page - Micrel Semiconductor MICRF500 Datasheet HTML 8Page - Micrel Semiconductor MICRF500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
March 2003
5
MICRF500
MICRF500
Micrel
Parameter
Condition
Min
Typ
Max
Units
Receive Section
f
IN = 850MHz
Receiver Sensitivity (Note 6)
BER=10-3
–1046
dBm
Input 1dB Compression Level
–34
dBm
Input IP3
–24
dBm
Input Impedance
22.5-j28.5
W
RSSI Dynamic Range
60
dB
RSSI Output Voltage
P
IN = –100dBm
0.7
V
P
IN = –30dBm
2.1
V
Adjacent Channel Rejection:
f
C = 10kHz
25kHz channel spacing
26
dB
f
C = 30kHz
100kHz channel spacing
37
dB
f
C = 60kHz
200kHz channel spacing
45
dB
f
C = 200kHz
700kHz channel spacing
48
dB
Blocking Immunity (1MHz)
RC filter: f
C = 10kHz
66
dB
RC filter: f
C = 30kHz
61
RC filter: f
C = 60kHz
59
dB
RC filter: f
C = 200kHz
53
dB
Maximum Receiver Bandwidth
175
kHz
Receiver Settling Time
1ms
Current Consumption
gyrator filter f
C = 60kHz
12
mA
Receive Mode
Current Consumption XCO
300
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Modulation is applied to the VCO and therefore the modulation cannot have any DC component. Some kind of coding is needed to ensure that
the modulation is DC free, e.g., Manchester code or block code. With Manchester code the bitrate is half the baudrate, but with 3B4B block
code the bitrate is 3/
4 of the baudrate.
Note 5:
Bitrate is the same as the baudrate.
Note 6:
Measured at 19.2k bauds and frequency deviation
±25kHz (external modulation), jitter of received data: < 45%.
-10
-5
0
5
10
15
10 15 20 25 30 35 40 45 50
I
TOT
(mA)
Output Power
vs. Current @ 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com