Electronic Components Datasheet Search
  English  ▼

X  

MICRF500 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF500
Description  700MHz to 1.1GHz RadioWire RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF500 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF500 Datasheet HTML 4Page - Micrel Semiconductor MICRF500 Datasheet HTML 5Page - Micrel Semiconductor MICRF500 Datasheet HTML 6Page - Micrel Semiconductor MICRF500 Datasheet HTML 7Page - Micrel Semiconductor MICRF500 Datasheet HTML 8Page - Micrel Semiconductor MICRF500 Datasheet HTML 9Page - Micrel Semiconductor MICRF500 Datasheet HTML 10Page - Micrel Semiconductor MICRF500 Datasheet HTML 11Page - Micrel Semiconductor MICRF500 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MICRF500
Micrel
MICRF500
8
March 2003
Component
Values
C30
47pF
C31
5.6pF
C32
6.8pF
C33
47pF
C34
10
µF
C35
47pF
C36
1.5pF
C37
4pF
C38
(np)
L1
12nH
L2
5.1nH
L3
8.7nH
L4
5.6nH
L5
10nH
D1
SMV1215-011
D2
SMP1320-079
D3
SMP1320-079
crystal
10MHz
Component
Values
C8
4.7nF
C9
1nF
C10
1nF
C11
1nF
C12
1nF
C13
4.7pF
C15
3.3nF
C16
39nF
C17
68pF
C18
100nF
C19
470pF
C20
4pF-100pF
C21
100pF
C22
7pF
C23
1nF
C24
1nF
C25
470pF
C26
10nF
C28
18pF
C29
100pF
List of components
Component
Values
R1
30
Ω
R2
0
Ω
R3
39
Ω
R4
10
Ω
R5
62
Ω
R6
1k
Ω
R7
20k
Ω
R8
39k
Ω
R9
16k
Ω
R10
16k
Ω
R11
100k
Ω
R12
6.8k
Ω
R13
270k
Ω
R14
2.2k
Ω
R16
2.2k
Ω
C1
47pF
C4
47pF
C5
47pF
C6
47pF
C7
4.7nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com