Electronic Components Datasheet Search
  English  ▼

X  

MICRF500 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF500
Description  700MHz to 1.1GHz RadioWire RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF500 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF500 Datasheet HTML 1Page - Micrel Semiconductor MICRF500 Datasheet HTML 2Page - Micrel Semiconductor MICRF500 Datasheet HTML 3Page - Micrel Semiconductor MICRF500 Datasheet HTML 4Page - Micrel Semiconductor MICRF500 Datasheet HTML 5Page - Micrel Semiconductor MICRF500 Datasheet HTML 6Page - Micrel Semiconductor MICRF500 Datasheet HTML 7Page - Micrel Semiconductor MICRF500 Datasheet HTML 8Page - Micrel Semiconductor MICRF500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
March 2003
3
MICRF500
MICRF500
Micrel
Pin Number
Pin Name
Pin Function
24
PA_C
Capacitor for Slow Ramp Up/Down of PA
25
PABIAS
External Bias Resistor for Power Amplifier
26
RFOUT
Power Amplifier Output
27
RFGND
LNA, PA and Substrate Ground
28
RFVDD
LNA and PA Power
29
RFIN
Low Noise RF Amplifier (LNA) Input
30
RFGND2
LNA First Stage Ground
31
LNA_C
External LNA Stabilizing Capacitor
32
MIXERGND
Mixer Ground
33
MIXERVDD
Mixer Power
34
MIXIOUTP
I-Channel Mixer Positive Output
35
MIXIOUTN
I-Channel Mixer Negative Output
36
IFIINP
I-Channel IF Amplifier Positive Input
37
IFIINN
I-Channel IF Amplifier Negative Input
38
MIXQOUTP
Q-Channel Mixer Positive Output
39
MIXQOUTN
Q-Channel Mixer Negative Output
40
IFQINP
Q-Channel IF Amplifier Positive Input
41
IFQINN
Q-Channel IF Amplifier Negative Input
42
ICHC
I-Channel Amplifier Capacitor
43
QCHC
Q-Channel Amplifier Capacitor
44
VB_IP
Gyrator Filter Resistor
Pin Description, cont’t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com