Electronic Components Datasheet Search
  English  ▼

X  

MICRF500 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF500
Description  700MHz to 1.1GHz RadioWire RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF500 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF500 Datasheet HTML 1Page - Micrel Semiconductor MICRF500 Datasheet HTML 2Page - Micrel Semiconductor MICRF500 Datasheet HTML 3Page - Micrel Semiconductor MICRF500 Datasheet HTML 4Page - Micrel Semiconductor MICRF500 Datasheet HTML 5Page - Micrel Semiconductor MICRF500 Datasheet HTML 6Page - Micrel Semiconductor MICRF500 Datasheet HTML 7Page - Micrel Semiconductor MICRF500 Datasheet HTML 8Page - Micrel Semiconductor MICRF500 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
March 2003
1
MICRF500
MICRF500
Micrel
MICRF500
700MHz to 1.1GHz RadioWire™ RF Transceiver
Final
General Description
The MICRF500 is a single chip UHF transceiver designed for
spread spectrum communication (FHSS) intended for ISM
(Industrial, Scientific and Medical) and SRD (Short Range
Device) frequency bands from 700MHz to 1100MHz with
FSK data rates up to 128k baud.
The transmitter consists of a PLL frequency synthesizer and
a power amplifier. The frequency synthesizer consists of a
voltage-controlled oscillator (VCO), a crystal oscillator, dual-
modulus prescaler, programmable frequency dividers and a
phase-detector. The loop filter is external for flexibility and
can be a simple passive circuit. The VCO is a Colpitts
oscillator which requires an external resonator and varactor.
FSK modulation can be applied externally to the VCO. The
synthesizer has two different N, M and A frequency dividers.
FSK modulation can also be implemented by switching
between these dividers (max. 2400bps). The lengths of the N
and M and A registers are 12, 10 and 6 bits respectively. For
all types of FSK modulation, data is entered at the DATAIXO
pin (see application circuit). The output power of the power
amplifier can be programmed to eight levels. A lock detect
circuit detects when the PLL is in lock.
In receive mode the PLL synthesizer generates the local
oscillator (LO) signal. The N, M and A values that give the LO
frequency are stored in the N0, M0 and A0 registers. The
receiver is a zero intermediate frequency (IF) type in order to
make channel filtering possible with low-power integrated
low-pass filters. The receiver consists of a low-noise amplifier
(LNA) that drives a quadrature mixer pair. The mixer outputs
feed two identical signal channels in phase quadrature. Each
channel includes a preamplifier, a third order Sallen-Key RC
low pass filter that protects the following gyrator filter from
strong adjacent channel signals and finally, a limiter. The
main channel filter is a gyrator capacitor implementation of a
seven-pole elliptic low pass filter. The elliptic filter minimizes
the total capacitance required for a given selectivity and
dynamic range. The cut-off frequency of the Sallen-Key RC
filter can be programmed to four different frequencies: 10kHz,
30kHz, 60kHz and 200kHz. An external resistor adjusts the
cut-off frequency of the gyrator filter. The demodulator de-
modulates the I and Q channel outputs and produces a digital
data output. It detects the relative phase of the I and the Q
channel signal. If the I channel signal lags the Q channel, the
FSK tone frequency lies above the LO frequency (data ‘1’). If
the I channel leads the Q channel, the FSK tone lies below the
LO frequency (data ‘0’). The output of the receiver is available
on the DATAIXO pin. A RSSI (Receive Signal Strength
Indicator) circuit indicates the received signal level.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
A two pin serial interface is used to program the circuit.
External components are necessary for RF input and output
impedance matching and decoupling of power. Other exter-
nal components are the VCO resonator circuit with varactor,
crystal, feedback capacitors and components for FSK modu-
lation with the VCO, loop filter, bias resistors for the power
amplifier and gyrator filters. A T/R switch can be implemented
with 2-pin diodes. This gives maximum input sensitivity and
transmit output power.
Features
• Frequency range: 700MHz to 1100MHz
• Modulation: FSK
• RF output power: 10dBm
• Sensitivity (19.2k bauds, BER=10-3): –104dBm
• Maximum data rate: 128k bauds
Applications
• Telemetry
• Remote metering
• Wireless controller
• Wireless data repeaters
• Remote control systems
• Wireless modem
• Wireless security system
Ordering Information
Part Number
Ambient Temp. Range
Package
MICRF500BLQ
–40
°C to +85°C
44-Lead LQFP
RadioWire is a trademark of Micrel, Inc.
RadioWire™


Similar Part No. - MICRF500

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF501 MICREL-MICRF501 Datasheet
141Kb / 18P
300MHz to 600MHz RadioWire??RF Transceiver
MICRF501BLQ MICREL-MICRF501BLQ Datasheet
141Kb / 18P
300MHz to 600MHz RadioWire??RF Transceiver
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
MICRF505 MICREL-MICRF505 Datasheet
474Kb / 42P
850MHz and 950MHz ISM Band Transceiver
MICRF505BML MICREL-MICRF505BML Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
More results

Similar Description - MICRF500

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
1.1GHZ DUAL PLL
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
1.1GHZ DUAL PLL
logo
Micrel Semiconductor
MICRF501 MICREL-MICRF501 Datasheet
141Kb / 18P
300MHz to 600MHz RadioWire??RF Transceiver
logo
List of Unclassifed Man...
SPT104 ETC1-SPT104 Datasheet
98Kb / 6P
DC TO 1.1GHz LINEAR AMPLIFIER
logo
Cadeka Microcircuits LL...
KH104 CADEKA-KH104 Datasheet
323Kb / 6P
DC to 1.1GHz Linear Amplifier
logo
RF Micro Devices
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
Integrated Power Amplifier 700MHz to 950MHz
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
logo
Fairchild Semiconductor
KH104 FAIRCHILD-KH104 Datasheet
268Kb / 6P
DC to 1.1GHz Linear Amplifier
logo
Renesas Technology Corp
F1420 RENESAS-F1420 Datasheet
2Mb / 20P
RF Amplifier 700MHz to 1.1GHz
ICS8442I-90 RENESAS-ICS8442I-90 Datasheet
340Kb / 20P
700MHz, Crystal-to-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com