Electronic Components Datasheet Search
  English  ▼

X  

MICRF500 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF500
Description  700MHz to 1.1GHz RadioWire RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF500 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF500 Datasheet HTML 10Page - Micrel Semiconductor MICRF500 Datasheet HTML 11Page - Micrel Semiconductor MICRF500 Datasheet HTML 12Page - Micrel Semiconductor MICRF500 Datasheet HTML 13Page - Micrel Semiconductor MICRF500 Datasheet HTML 14Page - Micrel Semiconductor MICRF500 Datasheet HTML 15Page - Micrel Semiconductor MICRF500 Datasheet HTML 16Page - Micrel Semiconductor MICRF500 Datasheet HTML 17Page - Micrel Semiconductor MICRF500 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
March 2003
15
MICRF500
MICRF500
Micrel
Name
Description
A1
frequency divider A1, 6 bits
A0
frequency divider A0, 6 bits
N1
frequency divider N1, 12 bits
N0
frequency divider N0, 12 bits
M1
frequency divider M1, 10 bits
M0
frequency divider M0, 10 bits
RxFilt
1=external capacitor for filtering of Rx data signal
Pa2
gain setting in power amplifier
Pa1
pa2, pa1, pa0 = 0 : lowest output power
Pa0
pa2, pa1, pa0 = 1 : highest output power
Gc
gain control in power amplifier buffer: 1=high gain
gain control in preamplifier in receiver: 1=high gain
ByLNA
1 = the LNA is bypassed
Ref6
Ref5
reference settings in lock detector
Ref4
Ref3
all 0’s: highest reference
Ref2
all 1’s: lowest reference
Ref1
Ref0
Cpmp1
charge pump setting:
Cpmp1=0, Cpmp0=0 :
±125µA
Cpmp0
Cpmp1=0, Cpmp0=1 :
±500µA
Cpmp1=1, Cpmp0=0 : controlled by LockDet (LD) LD=0:
±500µA, LD=1: ±125µA
Cpmp1=1, Cpmp0=1 : same as previous in Tx. In Rx the current is
±500µA.
Fc1
Active RC-filter settings
Fc1=0, Fc0=0 : 10kHz
Fc1=1, Fc0=0 : 60kHz
Fc0
Fc1=0, Fc0=1 : 30kHz
Fc1=1, Fc0=1 : 200kHz
OutS2
I- and Q-channel
OutS2 OutS1
OutS0 IchOut
QchOut
OutS2
OutS1
OutS0
IchOut
QchOut
OutS1
output select
0
0
0
high Z
high Z
1
0
0
lim_qch
gm_qch
OutS0
0
0
1
sk_ich
sk_qch
1
0
1
gm_ich
lim_ich
0
1
0
gm_ich
gm_qch
1
1
0
high Z
Dual LF
0
1
1
lim_ich
lim_qch
1
1
1
N_div
M_div
sk:_*:Sallen-Key filter output, gm_*:gyrator filter output, lim_*:limiter output, *_div:frequency divider output
(for testing). 110 is for dual-loop filter applications, see “Modulation Outside PLL, Dual-Loop Filters.”
Mod1
Mod1 = 0, Mod0 = 0: FSK modulation can be applied to the VCO
Mod0
Mod1 = 0, Mod0 = 1: FSK modulation can be applied to the VCO: open loop modulation
Mod1 = 1, Mod0 = 0: FSK modulation by switching between the two sets of dividers
Mod1 = 1, Mod0 = 1: FSK modulation by adding/subtracting 1 to divider A1:
f
deviation = fcomparison
RT
0 = receive mode 1 = transmit mode
Pu
1 = power up, 0 = power down (When Pu=1, power down is controlled by PuExt)
Table 2. Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com