Electronic Components Datasheet Search
  English  ▼

X  

MICRF500 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF500
Description  700MHz to 1.1GHz RadioWire RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF500 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF500 Datasheet HTML 10Page - Micrel Semiconductor MICRF500 Datasheet HTML 11Page - Micrel Semiconductor MICRF500 Datasheet HTML 12Page - Micrel Semiconductor MICRF500 Datasheet HTML 13Page - Micrel Semiconductor MICRF500 Datasheet HTML 14Page - Micrel Semiconductor MICRF500 Datasheet HTML 15Page - Micrel Semiconductor MICRF500 Datasheet HTML 16Page - Micrel Semiconductor MICRF500 Datasheet HTML 17Page - Micrel Semiconductor MICRF500 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
March 2003
17
MICRF500
MICRF500
Micrel
Example 2. f
RF = 869.0MHz, fRF = 10.00MHz. FSK modula-
tion is applied to the VCO.
A1
A0
N1
N0
M1
M0
Tx
50
50
135
135
100
100
Rx
50
50
135
135
100
100
RxFilt
Pa2
Pa1
Pa0
Gc
ByLNA
Tx
011110
Rx
011110
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Tx
000000
Rx
000000
Ref0
Cpmp1 Cpmp0
Fc1
Fc0
OutS2
Tx
001100
Rx
001100
OutS1
OutS0
Mod1
Mod0
RT
Pu
Tx
000011
Rx
000001
Binary form: (MSB to the left):
Tx:
110010 110010 000010000111
000010000111 0001100100 0001100100
01011110000000010100000011
Rx:
111011 111011 000010001110
000010001110 0001101010 0001101010
01011110000000010100000001
With modulation applied to the VCO, A, N and M values
corresponding to the receive frequency have to be found. The
same set of A, N and M values are used in all modes.
Programming After Battery Reset
In order to ensure a successful programming after V
DD has
been zero volts, the P
DEXT needs to be kept low during the
first programming sequence. This can be done by a separate
110-line from a microcontroller, or a RC circuit on the P
DEXT
pin to V
DD (A capcitor between PDEXT and VDD). Using the
latter method, R and C values need to be chosen so that the
voltage on the P
DEXT pin is lower than VDD/2 when the
controller word is loaded into the parallel register (see Figure
10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com