Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 20 Page - NXP Semiconductors

Part # K64F
Description  Kinetis K64F Sub-Family
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button K64F Datasheet HTML 16Page - NXP Semiconductors K64F Datasheet HTML 17Page - NXP Semiconductors K64F Datasheet HTML 18Page - NXP Semiconductors K64F Datasheet HTML 19Page - NXP Semiconductors K64F Datasheet HTML 20Page - NXP Semiconductors K64F Datasheet HTML 21Page - NXP Semiconductors K64F Datasheet HTML 22Page - NXP Semiconductors K64F Datasheet HTML 23Page - NXP Semiconductors K64F Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
2.4.1 Thermal operating requirements
Table 12. Thermal operating requirements
Symbol
Description
Min.
Max.
Unit
TJ
Die junction temperature
–40
125
°C
TA
Ambient temperature1
–40
105
°C
1. Maximum TA can be exceeded only if the user ensures that TJ does not exceed maximum TJ. The simplest method to
determine TJ is:
TJ = TA + RθJA x chip power dissipation
2.4.2 Thermal attributes
Table 13. Thermal attributes
Board type
Symbol
Descriptio
n
144 LQFP
144
MAPBGA
121
XFBGA
100 LQFP
Unit
Notes
Single-layer
(1s)
RθJA
Thermal
resistance,
junction to
ambient
(natural
convection)
51
38.1
33.3
51
°C/W
1
Four-layer
(2s2p)
RθJA
Thermal
resistance,
junction to
ambient
(natural
convection)
43
21.6
21.1
39
°C/W
1
Single-layer
(1s)
RθJMA
Thermal
resistance,
junction to
ambient
(200 ft./min.
air speed)
42
30.8
26.2
41
°C/W
1
Four-layer
(2s2p)
RθJMA
Thermal
resistance,
junction to
ambient
(200 ft./min.
air speed)
36
18
17.8
32
°C/W
1
—
RθJB
Thermal
resistance,
junction to
board
30
16.5
16.3
24
°C/W
2
—
RθJC
Thermal
resistance,
11
8.9
12
11
°C/W
3
Table continues on the next page...
General
20
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com