Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # K64F
Description  Kinetis K64F Sub-Family
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button K64F Datasheet HTML 3Page - NXP Semiconductors K64F Datasheet HTML 4Page - NXP Semiconductors K64F Datasheet HTML 5Page - NXP Semiconductors K64F Datasheet HTML 6Page - NXP Semiconductors K64F Datasheet HTML 7Page - NXP Semiconductors K64F Datasheet HTML 8Page - NXP Semiconductors K64F Datasheet HTML 9Page - NXP Semiconductors K64F Datasheet HTML 10Page - NXP Semiconductors K64F Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
2.2.1 Voltage and current operating requirements
Table 1. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VBAT
RTC battery supply voltage
1.71
3.6
V
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
—
—
V
V
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
—
—
0.35 × VDD
0.3 × VDD
V
V
VHYS
Input hysteresis
0.06 × VDD
—
V
IICDIO
Digital pin negative DC injection current — single pin
• VIN < VSS-0.3V
-5
—
mA
1
IICAIO
Analog2, EXTAL, and XTAL pin DC injection current
— single pin
• VIN < VSS-0.3V (Negative current injection)
• VIN > VDD+0.3V (Positive current injection)
-5
—
—
+5
mA
3
IICcont
Contiguous pin DC injection current —regional limit,
includes sum of negative injection currents or sum of
positive injection currents of 16 contiguous pins
• Negative current injection
• Positive current injection
-25
—
—
+25
mA
VODPU
Open drain pullup voltage level
VDD
VDD
V
4
VRAM
VDD voltage required to retain RAM
1.2
—
V
VRFVBAT
VBAT voltage required to retain the VBAT register file VPOR_VBAT
—
V
1. All 5 V tolerant digital I/O pins are internally clamped to VSS through an ESD protection diode. There is no diode
connection to VDD. If VIN is less than VDIO_MIN, a current limiting resistor is required. If VIN greater than VDIO_MIN
(=VSS-0.3V) is observed, then there is no need to provide current limiting resistors at the pads. The negative DC
injection current limiting resistor is calculated as R=(VDIO_MIN-VIN)/|IICDIO|.
2. Analog pins are defined as pins that do not have an associated general purpose I/O port function. Additionally, EXTAL
and XTAL are analog pins.
3. All analog pins are internally clamped to VSS and VDD through ESD protection diodes. If VIN is less than VAIO_MIN or
greater than VAIO_MAX, a current limiting resistor is required. The negative DC injection current limiting resistor is
calculated as R=(VAIO_MIN-VIN)/|IICAIO|. The positive injection current limiting resistor is calculated as R=(VIN-
VAIO_MAX)/|IICAIO|. Select the larger of these two calculated resistances if the pin is exposed to positive and negative
injection currents.
4. Open drain outputs must be pulled to VDD.
General
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
7
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com