Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # K64F
Description  Kinetis K64F Sub-Family
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 1 Page - NXP Semiconductors

  K64F Datasheet HTML 1Page - NXP Semiconductors K64F Datasheet HTML 2Page - NXP Semiconductors K64F Datasheet HTML 3Page - NXP Semiconductors K64F Datasheet HTML 4Page - NXP Semiconductors K64F Datasheet HTML 5Page - NXP Semiconductors K64F Datasheet HTML 6Page - NXP Semiconductors K64F Datasheet HTML 7Page - NXP Semiconductors K64F Datasheet HTML 8Page - NXP Semiconductors K64F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
Kinetis K64F Sub-Family Data
Sheet
120 MHz ARM® Cortex®-M4-based Microcontroller with FPU
The K64 product family members are optimized for cost-sensitive
applications requiring low-power, USB/Ethernet connectivity, and
up to 256 KB of embedded SRAM. These devices share the
comprehensive enablement and scalability of the Kinetis family.
This product offers:
• Run power consumption down to 250 μA/MHz. Static
power consumption down to 5.8 μA with full state retention
and 5 μs wakeup. Lowest Static mode down to 339 nA
• USB LS/FS OTG 2.0 with embedded 3.3 V, 120 mA LDO
Vreg, with USB device crystal-less operation
• 10/100 Mbit/s Ethernet MAC with MII and RMII interfaces
Performance
• Up to 120 MHz ARM® Cortex®-M4 core with DSP
instructions and floating point unit
Memories and memory interfaces
• Up to 1 MB program flash memory and 256 KB RAM
• Upto 128 KB FlexNVM and 4 KB FlexRAM on devices
with FlexMemory
• FlexBus external bus interface
System peripherals
• Multiple low-power modes, low-leakage wake-up unit
• Memory protection unit with multi-master protection
• 16-channel DMA controller
• External watchdog monitor and software watchdog
Security and integrity modules
• Hardware CRC module
• Hardware random-number generator
• Hardware encryption supporting DES, 3DES, AES,
MD5, SHA-1, and SHA-256 algorithms
• 128-bit unique identification (ID) number per chip
Analog modules
• Two 16-bit SAR ADCs
• Two 12-bit DACs
• Three analog comparators (CMP)
• Voltage reference
Communication interfaces
• Ethernet controller with MII and RMII interface
• USB full-/low-speed On-the-Go controller
• Controller Area Network (CAN) module
• Three SPI modules
• Three I2C modules. Support for up to 1 Mbit/s
• Six UART modules
• Secure Digital Host Controller (SDHC)
• I2S module
Timers
• Two 8-channel Flex-Timers (PWM/Motor control)
• Two 2-channel FlexTimers (PWM/Quad decoder)
• IEEE 1588 timers
• 32-bit PITs and 16-bit low-power timers
• Real-time clock
• Programmable delay block
Clocks
• 3 to 32 MHz and 32 kHz crystal oscillator
• PLL, FLL, and multiple internal oscillators
• 48 MHz Internal Reference Clock (IRC48M)
Operating Characteristics
• Voltage range: 1.71 to 3.6 V
• Flash write voltage range: 1.71 to 3.6 V
• Temperature range (ambient): –40 to 105°C
MK64FN1M0Vxx12
MK64FX512Vxx12
121 XFBGA
8 x 8 x 0.5 mm Pitch
0.65 mm
144 LQFP
20 x 20 x 1.6 mm Pitch
0.5 mm
144 MAPBGA
13 x 13 x 1.46 mm
Pitch 1 mm
100 QFP
14 x 14 x 1.7 mm Pitch
0.5 mm
NXP Semiconductors
K64P144M120SF5
Data Sheet: Technical Data
Rev. 7, 11/2016
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - K64F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K64F NXP-K64F Datasheet
1Mb / 85P
120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
Rev. 7, 11/2016
More results

Similar Description - K64F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K21P121M50SF4V2 NXP-K21P121M50SF4V2 Datasheet
1Mb / 66P
Kinetis K21D Sub-Family
Rev 6, 04/2014
K21P121M120SF5 NXP-K21P121M120SF5 Datasheet
1Mb / 76P
Kinetis K21F Sub-Family
Rev 4, 11/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5V2 NXP-K22P80M120SF5V2 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 5, 03/2015
K24P142M120SF5 NXP-K24P142M120SF5 Datasheet
1Mb / 75P
Kinetis K24 Sub-Family
Rev. 7, 10/2016
K66P144M180SF5V2 NXP-K66P144M180SF5V2 Datasheet
1Mb / 91P
Kinetis K66 Sub-Family
Rev. 4, 04/2017
K80P121M150SF5 NXP-K80P121M150SF5 Datasheet
1Mb / 95P
Kinetis K80 Sub-Family
Revision 5, 11/2016
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
Kinetis KL26 Sub-Family
Rev 5 08/2014
KL36P121M48SF4 NXP-KL36P121M48SF4 Datasheet
1Mb / 64P
Kinetis KL36 Sub-Family
Rev 5 08/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com