Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 9 Page - NXP Semiconductors

Part # K64F
Description  Kinetis K64F Sub-Family
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button K64F Datasheet HTML 5Page - NXP Semiconductors K64F Datasheet HTML 6Page - NXP Semiconductors K64F Datasheet HTML 7Page - NXP Semiconductors K64F Datasheet HTML 8Page - NXP Semiconductors K64F Datasheet HTML 9Page - NXP Semiconductors K64F Datasheet HTML 10Page - NXP Semiconductors K64F Datasheet HTML 11Page - NXP Semiconductors K64F Datasheet HTML 12Page - NXP Semiconductors K64F Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Table 4. Voltage and current operating behaviors (continued)
Symbol
Description
Min.
Max.
Unit
Notes
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = -8mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = -3mA
VDD – 0.5
VDD – 0.5
—
—
V
V
Output high voltage — low drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = -2mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOH = -0.6mA
VDD – 0.5
VDD – 0.5
—
—
V
V
IOHT
Output high current total for all ports
—
100
mA
VOH_RTC_WA
KEUP
Output high voltage — high drive strength
• 2.7 V ≤ VBAT ≤ 3.6 V, IOH = -10mA
• 1.71 V ≤ VBAT ≤ 2.7 V, IOH = -3mA
VBAT – 0.5
VBAT – 0.5
—
—
V
V
Output high voltage — low drive strength
• 2.7 V ≤ VBAT ≤ 3.6 V, IOH = -2mA
• 1.71 V ≤ VBAT ≤ 2.7 V, IOH = -0.6mA
VBAT – 0.5
VBAT – 0.5
—
—
V
V
IOH_RTC_WAK
EUP
Output high current total for RTC_WAKEUP pins
—
100
mA
VOL
Output low voltage — high drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 9mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 3mA
—
—
0.5
0.5
V
V
Output low voltage — low drive strength
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 2mA
• 1.71 V ≤ VDD ≤ 2.7 V, IOL = 0.6mA
—
—
0.5
0.5
V
V
IOLT
Output low current total for all ports
—
100
mA
VOL_RTC_WA
KEUP
Output low voltage — high drive strength
• 2.7 V ≤ VBAT ≤ 3.6 V, IOL = 10mA
• 1.71 V ≤ VBAT ≤ 2.7 V, IOL = 3mA
—
—
0.5
0.5
V
V
Output low voltage — low drive strength
• 2.7 V ≤ VBAT ≤ 3.6 V, IOL = 2mA
• 1.71 V ≤ VBAT ≤ 2.7 V, IOL = 0.6mA
—
—
0.5
0.5
V
V
IOL_RTC_WAK
EUP
Output low current total for RTC_WAKEUP pins
—
100
mA
IIN
Input leakage current (per pin) for full temperature
range
—
1
μA
1
IIN
Input leakage current (per pin) at 25°C
—
0.025
μA
1
IIN_RTC_WAK
EUP
Input leakage current (per RTC_WAKEUP pin) for full
temperature range
—
1
μA
IIN_RTC_WAK
EUP
Input leakage current (per RTC_WAKEUP pin) at
25°C
—
0.025
μA
Table continues on the next page...
General
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
9
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com