Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 12Page - Texas Instruments LP5018 Datasheet HTML 13Page - Texas Instruments LP5018 Datasheet HTML 14Page - Texas Instruments LP5018 Datasheet HTML 15Page - Texas Instruments LP5018 Datasheet HTML 16Page - Texas Instruments LP5018 Datasheet HTML 17Page - Texas Instruments LP5018 Datasheet HTML 18Page - Texas Instruments LP5018 Datasheet HTML 19Page - Texas Instruments LP5018 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
INITIALIZATION
STANDBY
EN = H
From all states
RESET = FF or UVLO = H
SHUTDOWN
EN = L
From all states
VCC Power Up
Chip_EN = 1
Chip_EN = 0
NORMAL
POWER SAVE
I2C Command
Power_Save_EN =1 and
All LEDs off > 30ms
THERMAL
SHUTDOWN
TSD=H
TSD=L
16
LP5018, LP5024
SLVSEB8 – MARCH 2018
www.ti.com
Product Folder Links: LP5018 LP5024
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3.5 Protection Features
8.3.5.1 Thermal Shutdown
The LP50xx device implements a thermal shutdown mechanism to protect the device from damage due to
overheating. When the junction temperature rises to 160°C (typical), the device switches into shutdown mode.
The LP50xx device releases thermal shutdown when the junction temperature of the device is reduced to 145°C
(typical).
8.3.5.2 UVLO
The LP50xx device has an internal comparator that monitors the voltage at VCC. When VCC is below VUVF, reset
is active and the LP50xx device is in the INITIALIZATION state.
8.4 Device Functional Modes
Figure 10. Functional Modes
•
INITIALIZATION: The device enters into INITIALIZATION mode when EN = H. In this mode, all the registers
are reset. Entry can also be from any state, if the RESET (register) = FFh or UVLO is active.
•
NORMAL: The device enters the NORMAL mode when Chip_EN (register) = 1. ICC is 10 mA (typ.).
•
POWER SAVE: The device automatically enters the POWER SAVE mode when Power_Save_EN (register) =
1 and all the LEDs are off for a duration of >30 ms. In POWER SAVE mode, analog blocks are disabled to
minimize power consumption, but the registers retain the data and keep it available via I2C. ICC is 10 µA (typ.).
In case of any I2C command to this device, it returns to the NORMAL mode.
•
SHUTDOWN: The device enters into SHUTDOWN mode from all states on VCC power up or when EN = L.
ICC is < 1 µA (max).
•
STANDBY: The device enters the STANDBY mode when Chip_EN (register) = 0. In this mode, all the OUTx
pins are shut down, but the registers retain the data and keep it available via I2C. STANDBY is the low-
power-consumption mode, when all circuit functions are disabled. ICC is 10 µA (typ.).
•
THERMAL SHUTDOWN: The device automatically enters the THERMAL SHUTDOWN mode when the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com