Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 1 Page - Texas Instruments

  LP5018 Datasheet HTML 1Page - Texas Instruments LP5018 Datasheet HTML 2Page - Texas Instruments LP5018 Datasheet HTML 3Page - Texas Instruments LP5018 Datasheet HTML 4Page - Texas Instruments LP5018 Datasheet HTML 5Page - Texas Instruments LP5018 Datasheet HTML 6Page - Texas Instruments LP5018 Datasheet HTML 7Page - Texas Instruments LP5018 Datasheet HTML 8Page - Texas Instruments LP5018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
EN
SDA
SCL
OUT0
OUT1
OUT23
MCU
VCC
GND
LP5024
ADDR0
OUT2
VLED
IREF
OUT22
OUT21
VCAP
ADDR1
CVCAP
RIREF
VMCU
VCC
CVCC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LP5018, LP5024
SLVSEB8 – MARCH 2018
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
1
1 Features
1
•
Operating Voltage Range:
–
VCC Range: 2.7 V to 5.5 V
–
EN, SDA and SCL Pins Compatible With 1.8-
V, 3.3-V, and 5-V Power Rails
–
Output Maximum Voltage: 6 V
•
24 Constant-Current Sinks With High Precision
–
25.5 mA Maximum per Channel With VCC in
Full Range
–
35 mA Maximum per Channel When VCC ≥ 3.3
V
–
Device-to-Device Error: ±7%; Channel-to-
Channel Error: ±7%
•
Ultralow Quiescent Current:
–
Shutdown Mode: 1 µA (Max.) With EN Low
–
Power Saving Mode: 10 µA (Typ.) With EN
High and All LEDs Off for > 30 ms
•
Integrated 12-Bit, 29-kHz PWM Generator for
Each Channel:
–
Independent Color-Mixing Register Per
Channel
–
Independent Brightness-Control Register Per
RGB LED Module
–
Optional Logarithmic- or Linear-Scale
Brightness Control
–
Integrated 3-Phase PWM-Shifting Scheme
•
3 Programmable Banks (R, G, B) for Easy
Software Control of Each Color
•
2 External Hardware Address Pins Allow
Connecting up to 4 Devices
•
Broadcast Slave Address Allows Configuring
Multiple Devices Simultaneously
•
Auto-Increment Allows Writing or Reading
Consecutive Registers Within One Transmission
•
Up to 400-kHz Fast-Mode I2C Speed
2 Applications
LED Lighting, Indicator Lights, and Fun Lights for:
•
Smart Speaker
•
Smart Home Appliance
•
Doorbell
•
Electric Lock
•
Smoke Detector
•
Set-Top Box
•
Smart Router
•
Handheld Device
3 Description
In smart homes and other human-machine-interaction
LED-driver applications, the performance demand for
multi-channel RGB LED drivers is increasing to
achieve
great
user
experiences
like
blinking,
breathing, and chasing LED-animation effects.
The LP50xx device is an 18- or 24-channel constant-
current-sink LED driver. The LP50xx device improves
the user experience in color mixing and brightness
control, from both live effects and coding efforts. The
optimized performance for RGB LEDs makes it a
potential
choice
for
human-machine-interaction
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5018
VQFN (32)
4 mm × 4 mm
LP5024
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP5018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5018 TI1-LP5018 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5018 TI2-LP5018 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5018 TI2-LP5018 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5018DGSR TI1-LP5018DGSR Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5018DGSR TI2-LP5018DGSR Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
More results

Similar Description - LP5018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
24-Channel, 12-Bit PWM LED Driver with
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
LP5030 TI1-LP5030 Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5009 TI1-LP5009 Datasheet
469Kb / 40P
9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V01 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V02 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V03 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com