Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 37Page - Texas Instruments LP5018 Datasheet HTML 38Page - Texas Instruments LP5018 Datasheet HTML 39Page - Texas Instruments LP5018 Datasheet HTML 40Page - Texas Instruments LP5018 Datasheet HTML 41Page - Texas Instruments LP5018 Datasheet HTML 42Page - Texas Instruments LP5018 Datasheet HTML 43Page - Texas Instruments LP5018 Datasheet HTML 44Page - Texas Instruments LP5018 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
41
LP5018, LP5024
www.ti.com
SLVSEB8 – MARCH 2018
Product Folder Links: LP5018 LP5024
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
To prevent thermal shutdown, the junction temperature, TJ, must be less than T(TSD). If the voltage drop across
the output channels is high, the device power dissipation can be large. The LP50xx device has very good
thermal performance because of the thermal pad design; however, the PCB layout is also very important to
ensure that the device has good thermal performance. Good PCB design can optimize heat transfer, which is
essential for the long-term reliability of the device.
Use the following guidelines when designing the device layout:
•
Please put the CVCAP, CVCCand RIREF as close to the device as possible. Also, TI recommends to put the
ground plane as Figure 59 and Figure 60.
•
Maximize the copper coverage on the PCB to increase the thermal conductivity of the board. The major heat
flow path from the package to the ambient is through copper on the PCB. Maximum copper density is
extremely important when no heat sinks are attached to the PCB on the other side from the package.
•
Add as many thermal vias as possible directly under the package ground pad to optimize the thermal
conductivity of the board.
•
Use either plated-shut or plugged and capped vias for all the thermal vias on both sides of the board to
prevent solder voids. To ensure reliability and performance, the solder coverage should be at least 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com