Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 24Page - Texas Instruments LP5018 Datasheet HTML 25Page - Texas Instruments LP5018 Datasheet HTML 26Page - Texas Instruments LP5018 Datasheet HTML 27Page - Texas Instruments LP5018 Datasheet HTML 28Page - Texas Instruments LP5018 Datasheet HTML 29Page - Texas Instruments LP5018 Datasheet HTML 30Page - Texas Instruments LP5018 Datasheet HTML 31Page - Texas Instruments LP5018 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
28
LP5018, LP5024
SLVSEB8 – MARCH 2018
www.ti.com
Product Folder Links: LP5018 LP5024
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 29. LED6_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED6_Brightness
R/W-FFh
Table 19. LED6_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED6_Brightness
R/W
FFh
FFh = 100 % of full brightness
...
80h = 50% of full brightness
...
00h = 0% of full brightness
8.6.15 LED7_BRIGHTNESS (Address = 0Eh) [reset = FFh]
LED7_BRIGHTNESS is shown in Figure 30 and described in Table 20.
Return to Table 4.
Figure 30. LED7_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED7_Brightness
R/W-FFh
Table 20. LED7_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED7_Brightness
R/W
FFh
FFh = 100 % of full brightness
...
80h = 50% of full brightness
...
00h = 0% of full brightness
8.6.16 OUT0_COLOR (Address = 0Fh) [reset = 00h]
OUT0_COLOR is shown in Figure 31 and described in Table 21.
Return to Table 4.
Figure 31. OUT0_COLOR Register
7
6
5
4
3
2
1
0
OUT0_Color
R/W-00h
Table 21. OUT0_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT0_Color
R/W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.17 OUT1_COLOR (Address = 10h) [reset = 00h]
OUT1_COLOR is shown in Figure 32 and described in Table 22.
Return to Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com