Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 5 Page - Texas Instruments

  LP5018 Datasheet HTML 1Page - Texas Instruments LP5018 Datasheet HTML 2Page - Texas Instruments LP5018 Datasheet HTML 3Page - Texas Instruments LP5018 Datasheet HTML 4Page - Texas Instruments LP5018 Datasheet HTML 5Page - Texas Instruments LP5018 Datasheet HTML 6Page - Texas Instruments LP5018 Datasheet HTML 7Page - Texas Instruments LP5018 Datasheet HTML 8Page - Texas Instruments LP5018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5
LP5018, LP5024
www.ti.com
SLVSEB8 – MARCH 2018
Product Folder Links: LP5018 LP5024
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
LP5018
LP5024
ADDR0
25
25
—
I2C slave-address selection pin. This pin must not be left floating.
ADDR1
26
26
—
I2C slave-address selection pin. This pin must not be left floating.
EN
30
30
I
Chip enable input pin
IREF
31
31
—
Output current-reference global-setting pin
NC
19
—
—
No internal connection
NC
20
—
—
No internal connection
NC
21
—
—
No internal connection
NC
22
—
—
No internal connectioni
NC
23
—
—
No internal connection
NC
24
—
—
No internal connection
OUT0
1
1
O
Current sink output 0. If not used, this pin can be left floating.
OUT1
2
2
O
Current sink output 1. If not used, this pin can be left floating.
OUT2
3
3
O
Current sink output 2. If not used, this pin can be left floating.
OUT3
4
4
O
Current sink output 3. If not used, this pin can be left floating.
OUT4
5
5
O
Current sink output 4. If not used, this pin can be left floating.
OUT5
6
6
O
Current sink output 5. If not used, this pin can be left floating.
OUT6
7
7
O
Current sink output 6. If not used, this pin can be left floating.
OUT7
8
8
O
Current sink output 7. If not used, this pin can be left floating.
OUT8
9
9
O
Current sink output 8. If not used, this pin can be left floating.
OUT9
10
10
O
Current sink output 9. If not used, this pin can be left floating.
OUT10
11
11
O
Current sink output 10. If not used, this pin can be left floating.
OUT11
12
12
O
Current sink output 11. If not used, this pin can be left floating.
OUT12
13
13
O
Current sink output 12. If not used, this pin can be left floating.
OUT13
14
14
O
Current sink output 13. If not used, this pin can be left floating.
OUT14
15
15
O
Current sink output 14. If not used, this pin can be left floating.
OUT15
16
16
O
Current sink output 15. If not used, this pin can be left floating.
OUT16
17
17
O
Current sink output 16. If not used, this pin can be left floating.
OUT17
18
18
O
Current sink output 17. If not used, this pin can be left floating.
OUT18
—
19
O
Current sink output 18. If not used, this pin can be left floating.
OUT19
—
20
O
Current sink output 19. If not used, this pin can be left floating.
OUT20
—
21
O
Current sink output 20. If not used, this pin can be left floating.
OUT21
—
22
O
Current sink output 21. If not used, this pin can be left floating.
OUT22
—
23
O
Current sink output 22. If not used, this pin can be left floating.
OUT23
—
24
O
Current sink output 23. If not used, this pin can be left floating.
SCL
29
29
I
I2C bus clock line. If not used, this pin must be connected to GND or VCC.
SDA
28
28
I/O
I2C bus data line. If not used, this pin must be connected to GND or VCC.
VCAP
32
32
—
Internal LDO output pin, this pin must be connected to a 1-µF capacitor to
GND. Please put the capacitor as close to the device as possible.
VCC
27
27
I
Input power.
GND
GND
—
Exposed thermal pad also serves the ground pin for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com