Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 15Page - Texas Instruments LP5018 Datasheet HTML 16Page - Texas Instruments LP5018 Datasheet HTML 17Page - Texas Instruments LP5018 Datasheet HTML 18Page - Texas Instruments LP5018 Datasheet HTML 19Page - Texas Instruments LP5018 Datasheet HTML 20Page - Texas Instruments LP5018 Datasheet HTML 21Page - Texas Instruments LP5018 Datasheet HTML 22Page - Texas Instruments LP5018 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19
LP5018, LP5024
www.ti.com
SLVSEB8 – MARCH 2018
Product Folder Links: LP5018 LP5024
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 3. Chip Address
SLAVE ADDRESS
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Independent
0
1
0
1
0
ADDR1
ADDR0
1 or 0
Broadcast
0
1
1
1
1
0
0
1 or 0
8.5.1.5 Control-Register Write Cycle
•
The master device generates a start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The master device sends the control register address (8 bits).
•
The slave device sends an acknowledge signal.
•
The master device sends the data byte to be written to the addressed register.
•
The slave device sends an acknowledge signal.
•
If the master device sends further data bytes, the control register address of the slave is incremented by 1
after the acknowledge signal. To reduce program load time, the device supports address auto incrementation.
The register address is incremented after each 8 data bits.
•
The write cycle ends when the master device creates a stop condition.
Figure 14. Write Cycle
8.5.1.6 Control-Register Read Cycle
•
The master device generates a start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The master device sends the control register address (8 bits).
•
The slave device sends an acknowledge signal.
•
The master device generates a repeated-start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 1).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The slave device sends the data byte from the addressed register.
•
If the master device sends an acknowledge signal, the control-register address is incremented by 1. The
slave device sends the data byte from the addressed register. To reduce program load time, the device
supports address auto incrementation. The register address is incremented after each 8 data bits.
•
The read cycle ends when the master device does not generate an acknowledge signal after a data byte and
generates a stop condition.
Figure 15. Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com