Electronic Components Datasheet Search
  English  ▼

X  

ENS210 Datasheet(PDF) 9 Page - ams AG

Part # ENS210
Description  Relative Humidity and Temperature Sensor with I짼C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ENS210 Datasheet(HTML) 9 Page - ams AG

Back Button ENS210 Datasheet HTML 5Page - ams AG ENS210 Datasheet HTML 6Page - ams AG ENS210 Datasheet HTML 7Page - ams AG ENS210 Datasheet HTML 8Page - ams AG ENS210 Datasheet HTML 9Page - ams AG ENS210 Datasheet HTML 10Page - ams AG ENS210 Datasheet HTML 11Page - ams AG ENS210 Datasheet HTML 12Page - ams AG ENS210 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
ams Datasheet
Page 9
[v1-02] 2018-Feb-19
Document Feedback
ENS210 − Functional Description
The ENS210 integrates two sensor blocks: temperature and
relative humidity.
The device is normally in the standby state (Figure 10): the
measurement engine (see Figure 2) is unpowered, but the I²C
interface is operational and register write/read operation can
be performed. When a measurement command is given, the
device is first booting to active then it starts a measurement.
When the measurement is completed, the device returns to the
standby state. Since the I²C interface is operational in standby,
the measurement result can be read out.
Figure 10:
The ENS210 Power States
In continuous run mode (see Register SENS_RUN) or when low
power is disabled (see Register SYS_CTRL), the device remains
in active state.
The system power status is observable
(see Register SENS_STAT).
When powering up from off, the device is first booting to active,
but then falls immediately back to standby (since no
measurement is pending, and by default low power is enabled).
Note that the booting state is a transient state (the system
automatically transitions to the next state – active); the booting
time is given in Figure 9.
Functional Description
off
on
active
standby
booting
booted
power on
power off
measurement (s) completed and low power enabled
start measurement
or
disable low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com