Electronic Components Datasheet Search
  English  ▼

X  

ENS210 Datasheet(PDF) 24 Page - ams AG

Part # ENS210
Description  Relative Humidity and Temperature Sensor with I짼C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ENS210 Datasheet(HTML) 24 Page - ams AG

Back Button ENS210 Datasheet HTML 20Page - ams AG ENS210 Datasheet HTML 21Page - ams AG ENS210 Datasheet HTML 22Page - ams AG ENS210 Datasheet HTML 23Page - ams AG ENS210 Datasheet HTML 24Page - ams AG ENS210 Datasheet HTML 25Page - ams AG ENS210 Datasheet HTML 26Page - ams AG ENS210 Datasheet HTML 27Page - ams AG ENS210 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-02] 2018-Feb-19
ENS210 − Register Description
Detailed Register Description
Register PART_ID (Address 0x00)
This 2 byte register identifies the part number in little endian
(ENS210). This register is only available in active state;
see Reading PART_ID and UID for instructions of reading it.
Figure 23:
Register PART_ID
Register UID (Address 0x04)
This 8 byte register uniquely identifies a single device among
all ENS210 devices. This register is only available in active state;
see Reading PART_ID and UID for instructions of reading it.
Figure 24:
Register UID
Register SYS_CTRL (Address 0x10)
This 1 byte register controls the system.
Figure 25:
Register SYS_CTRL
Address 0x00
PART_ID
Bits
Field Name
Default
Access
Field Description
15:0
PART_ID
0x0210
Read
Identifies this device as an ENS210
Address 0x04
UID
Bits
Field Name
Default
Access
Field Description
63:0
UID
Varies
Read
Unique device id
Address 0x10
SYS_CTRL
Bits
Field Name
Default
Access
Field Description
7
RESET
0
Write
Write 1 to reset the device
6:1
<reserved>
0b000000
Read/Write
Keep to 0’s
0
LOW_POWER
0b1
Read/Write
Controls the automatic low power.
0: Disabled (device stays in active)
1: Enabled (device goes to standby when
measurement complete)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com