Electronic Components Datasheet Search
  English  ▼

X  

ENS210 Datasheet(PDF) 5 Page - ams AG

Part # ENS210
Description  Relative Humidity and Temperature Sensor with I짼C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ENS210 Datasheet(HTML) 5 Page - ams AG

  ENS210 Datasheet HTML 1Page - ams AG ENS210 Datasheet HTML 2Page - ams AG ENS210 Datasheet HTML 3Page - ams AG ENS210 Datasheet HTML 4Page - ams AG ENS210 Datasheet HTML 5Page - ams AG ENS210 Datasheet HTML 6Page - ams AG ENS210 Datasheet HTML 7Page - ams AG ENS210 Datasheet HTML 8Page - ams AG ENS210 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
ams Datasheet
Page 5
[v1-02] 2018-Feb-19
Document Feedback
ENS210 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics
Note(s):
1. Values in parenthesis are for VDD=3.30 V.
2. TA = 25 °C and at 1.80 V supply voltage, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Unit
VDD
Supply voltage
Max ripple 100mVPP
between 0-1MHz
1.71
1.80 (3.30)
3.60
V
IDD
Supply current
Standby state
0.04 (0.5)
μA
Continuous run mode
58 (61)
μA
T and RH measurement
at 1Hz
6.6 (7.1)
μA
VIH
High-level input
voltage
0.7×VDD
VDD+0.5
V
VIL
Low-level input
voltage
–0.5
0.3×VDD
V
IOL
Low-level output
current
VOL = 0.4V
3mA
VOL = 0.6V
6mA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com