Electronic Components Datasheet Search
  English  ▼

X  

ENS210 Datasheet(PDF) 32 Page - ams AG

Part # ENS210
Description  Relative Humidity and Temperature Sensor with I짼C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ENS210 Datasheet(HTML) 32 Page - ams AG

Back Button ENS210 Datasheet HTML 28Page - ams AG ENS210 Datasheet HTML 29Page - ams AG ENS210 Datasheet HTML 30Page - ams AG ENS210 Datasheet HTML 31Page - ams AG ENS210 Datasheet HTML 32Page - ams AG ENS210 Datasheet HTML 33Page - ams AG ENS210 Datasheet HTML 34Page - ams AG ENS210 Datasheet HTML 35Page - ams AG ENS210 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-02] 2018-Feb-19
ENS210 − Soldering & Storage Information
It is recommended to use a no-clean solder paste for soldering
the sensor component on a PCB. There should not be any board
wash process, to prevent the sensor area to get in contact with
cleaning agents or other liquid materials.
The recommended ENS210 landing pattern can be found in the
drawing below in blue. A 100μm thick stencil can be used and
the stencil apertures are indicated in violet.
Figure 37:
Footprint Design
Note(s):
1. All dimensions are in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com