Electronic Components Datasheet Search
  English  ▼

X  

ENS210 Datasheet(PDF) 14 Page - ams AG

Part # ENS210
Description  Relative Humidity and Temperature Sensor with I짼C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ENS210 Datasheet(HTML) 14 Page - ams AG

Back Button ENS210 Datasheet HTML 10Page - ams AG ENS210 Datasheet HTML 11Page - ams AG ENS210 Datasheet HTML 12Page - ams AG ENS210 Datasheet HTML 13Page - ams AG ENS210 Datasheet HTML 14Page - ams AG ENS210 Datasheet HTML 15Page - ams AG ENS210 Datasheet HTML 16Page - ams AG ENS210 Datasheet HTML 17Page - ams AG ENS210 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-02] 2018-Feb-19
ENS210 − Functional Description
This register address is stored in an internal CRA register
(“Current Register Address”). Finally, the master sends the 8 bit
register value, which is acknowledged by the slave (or nack’ed
when the address is not writeable). This value is written to the
register pointed to by the CRA, and the CRA is incremented by
1. Optionally, the master sends more 8 bit values, for the next
registers (auto incrementing CRA), each of which is (n)ack’ed by
the slave. Finally, the master generates a stop condition “p”,
unblocking the bus for other transactions.
A read transaction (see Figure 16 b) starts with a write (of the
register address), followed by a read. Consequently, it has the
following format. The master initiates the transaction with a
start condition. Next, the master sends the 7 bits ENS210 slave
address followed by a 1 bit direction (a 0 indicating write). This
byte is acknowledged by the slave. The master continues by
sending the 8 bit register address, which is acknowledged by the
slave and stored in the CRA register. Then the master sends
another start condition (a so-called repeated start condition,
keeping the bus blocked) followed by the 7 bits ENS210 slave
address followed by a 1 bit direction (a 1 indicating read “r”),
which is acknowledged by the slave. Next, the slave sends an 8
bits register value from the register pointed to by the CRA
register, and the CRA is incremented by 1. This byte is
acknowledged by the master. The master may read another 8
bits (auto increment feature) from the slave and acknowledge
that, until the master sends a nack “n” followed by a stop to
unblock the bus.
The ENS210 has an 8 bit address space, potentially addressing
256 registers. In reality, only few addresses are actually backed
by a register (see Register Overview). All other addresses are
reserved. A write transaction to a reserved (or read-only) register
causes a not-acknowledge. A read transaction for a reserved
register will return a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com