Electronic Components Datasheet Search
  English  ▼

X  

ENS210 Datasheet(PDF) 35 Page - ams AG

Part # ENS210
Description  Relative Humidity and Temperature Sensor with I짼C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ENS210 Datasheet(HTML) 35 Page - ams AG

Back Button ENS210 Datasheet HTML 31Page - ams AG ENS210 Datasheet HTML 32Page - ams AG ENS210 Datasheet HTML 33Page - ams AG ENS210 Datasheet HTML 34Page - ams AG ENS210 Datasheet HTML 35Page - ams AG ENS210 Datasheet HTML 36Page - ams AG ENS210 Datasheet HTML 37Page - ams AG ENS210 Datasheet HTML 38Page - ams AG ENS210 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
ams Datasheet
Page 35
[v1-02] 2018-Feb-19
Document Feedback
ENS210 − Package Drawings & Markings
The ENS210 has QFN4 package: plastic thermal enhanced very
thin small outline package; no leads; 4 terminals; body
2.0 x 2.0 x 0.75mm, see Figure 38.
Figure 38:
Package Outline
Note(s):
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from terminal tip.
4. Unilateral coplanarity applies to the exposed heat sink slug as well as the terminal.
5. N is the total number of terminals.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com