Electronic Components Datasheet Search
  English  ▼

X  

HDSP-2113 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-2113
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2113 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-2113 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Characteristics Over Operating Temperature Range (-45
°C to +85°C)
4.5 V < V
DD < 5.5 V, unless otherwise specified
T
A = 25°C
-45
°C < T
A < + 85°C
V
DD = 5.0 V
4.5 V < V
DD < 5.5 V
Parameter
Symbol
Typ.
Max.
Min.
Max.
Units
Test Conditions
Input Leakage
I
IH
1.0
µAV
IN = 0 to VDD,
(Input without pullup)
I
IL
-1.0
pins CLK, D
0-D7,
A
0-A4
Input Current
I
IPL
-11
-18
-30
µAV
IN = 0 to VDD,
(Input with pullup)
pins CLS, RST,
WR, RD, CE, FL
I
DD Blank
I
DD (BLK)
0.5
3.0
4.0
mA
V
IN = VDD
I
DD 8 digits
I
DD(V)
200
255
330
mA
“V” on in all 8
12 dots/character[1,2]
locations
I
DD 8 digits
I
DD(#)
300
370
430
mA
“#” on in all
20 dots/character[1,2,3,4]
locations
Input Voltage High
V
IH
2.0
V
DD
V
+0.3
Input Voltage Low
V
IL
GND
0.8
V
-0.3 V
Output Voltage High
V
OH
2.4
V
V
DD = 4.5 V,
I
OH = -40 µA
Output Voltage Low
V
OL
0.4
V
V
DD = 4.5 V,
D
0-D7
I
OL = 1.6 mA
Output Voltage Low
V
OL
0.4
V
V
DD = 4.5 V,
CLK
I
OL = 40 µA
High Level Output
I
OH
-60
mA
V
DD = 5.0 V
Current
Low Level Output
I
OL
50
mA
V
DD = 5.0 V
Current
Thermal Resistance
R
θ
J-C
15
°C/W
IC Junction-to-Case
Notes:
1. Average I
DD measured at full brightness. See Table 2 in Control Word Section for IDD at lower brightness levels. Peak
I
DD = 28/15 x IDD (#).
2. Maximum I
DD occurs at -55°C.
3. Maximum I
DD(#) = 355 mA at VDD = 5.25 V and IC TJ = 150°C.
4. Maximum I
DD(#) = 375 mA at VDD = 5.5 V and IC TJ = 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com