Electronic Components Datasheet Search
  English  ▼

X  

HDSP-2113 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDSP-2113
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2113 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDSP-2113 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Package Dimensions
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED TO AVOID
STATIC DISCHARGE.
Absolute Maximum Ratings
Supply Voltage, V
DD to Ground
[1] ........................................ -0.3 to 7.0 V
Operating Voltage, V
DD to Ground
[2] .............................................. 5.5 V
Input Voltage, Any Pin to Ground .............................. -0.3 to V
DD +0.3 V
Free Air Operating Temperature Range, T
A
[3] ................ -45
°C to +85°C
Storage Temperature Range, T
S .................................. -55°C to +100°C
Relative Humidity (non-condensing) ............................................... 85%
Maximum Solder Temperature
(Below Seating Plane), t < 5 sec .............................................. 260
°C
ESD Protection @ 1.5 k
Ω, 100 pF ........................ V
Z = 4 kV (each pin)
Notes:
1. Maximum Voltage is with no LEDs illuminated.
2. 20 dots ON in all locations at full brightness.
3. Maximum supply voltage is 5.25 V for operation above 70
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com