Electronic Components Datasheet Search
  English  ▼

X  

HDSP-2113 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-2113
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2113 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-2113 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Eight Character 5 mm and 7 mm
Smart Alphanumeric Displays
Technical Data
Features
• X Stackable (HDSP-21XX)
• XY Stackable (HDSP-250X)
• 128 Character ASCII
Decoder
• Programmable Functions
• 16 User Definable
Characters
• Multi-Level Dimming and
Blanking
• TTL Compatible CMOS IC
• Wave Solderable
Applications
• Computer Peripherals
• Industrial Instrumentation
• Medical Equipment
• Portable Data Entry Devices
• Cellular Phones
• Telecommunications
Equipment
• Test Equipment
Description
The HDSP-210X/-211X/-250X
series of products is ideal for
applications where displaying
eight or more characters of dot
matrix information in an
aesthetically pleasing manner is
required. These devices are
8-digit, 5 x 7 dot matrix, alpha-
numeric displays and are all
packaged in a standard 15.24 mm
(0.6 inch) 28 pin DIP. The on-
board CMOS IC has the ability to
decode 128 ASCII characters
which are permanently stored in
ROM. In addition, 16 program-
mable symbols may be stored in
on-board ROM, allowing consider-
HDSP-210X Series
HDSP-211X Series
HDSP-250X Series
able flexibility for displaying
additional symbols and icons.
Seven brightness levels provide
versatility in adjusting the display
intensity and power consumption.
The HDSP-210X/-211X/-250X
products are designed for
standard microprocessor interface
techniques. The display and
special features are accessed
through a bidirectional 8-bit data
bus.
Device Selection Guide
AlGaAs
High Efficiency
Font Height
Red
Red
Orange
Yellow
Green
0.2 inches
HDSP-2107
HDSP-2112
HDSP-2110
HDSP-2111
HDSP-2113
0.27 inches
HDSP-2504
HDSP-2502
HDSP-2500
HDSP-2501
HDSP-2503


Similar Part No. - HDSP-2113

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2113 AVAGO-HDSP-2113 Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2113 AVAGO-HDSP-2113 Datasheet
344Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2113 AVAGO-HDSP-2113 Datasheet
179Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2113

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
Eight Character 5 mm Smart Alphanumeric Display
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
Eight Character 5-mm Smart Alphanumeric Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com