Electronic Components Datasheet Search
  English  ▼

X  

HDSP-2113 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDSP-2113
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2113 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2113 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
AC Timing Characteristics Over Temperature Range (-45
°C to +85°C)
4.5 V < V
DD < 5.5 V, unless otherwise specified
Write Cycle Timing Diagram
Symbol
Description
25
°C Typ.
Min.[1]
Units
F
OSC
Oscillator Frequency
57
28
kHz
F
RF
[2]
Display Refresh Rate
256
128
Hz
F
FL
[3]
Character Flash Rate
2
1
Hz
t
ST
[4]
Self Test Cycle Time
4.6
9.2
sec
Notes:
1. Worst case values occur at an IC junction temperature of 150
°C.
2. F
RF
= F
OSC
/224
3. F
FL
= F
OSC
/28,672
4. t
ST
= 262,144/F
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com