Electronic Components Datasheet Search
  English  ▼

X  

HDSP-2113 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDSP-2113
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2113 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2113 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Electrical Description
Pin Function
Description
RESET (RST, pin 1)
Initializes the display.
FLASH (FL, pin 2)
FL low indicates an access to the Flash RAM and is unaffected by the
state of address lines A3-A4.
ADDRESS INPUTS
Each location in memory has a distinct address. Address inputs (A0-A2)
(A0-A4, pins 3-6, 10)
select a specific location in the Character RAM, the Flash RAM or a
particular row in the UDC (User-Defined Character) RAM. A3-A4 are
used to select which section of memory is accessed. Table 1 shows the
logic levels needed to access each section of memory.
Table 1. Logic Levels to Access Memory
Section of Memory
FL
A4
A3
A2 A1 A0
Flash RAM
0
X
X
Char. Address
UDC Address Register
1
0
0
Don't Care
UDC RAM
1
0
1
Row Address
Control Word Register
1
1
0
Don’t Care
Character RAM
1
1
1
Character Address
CLOCK SELECT
Used to select either an internal (CLS = 1) or external (CLS = 0) clock source.
(CLS, pin 11)
CLOCK INPUT/OUTPUT
Outputs the master clock (CLS = 1) or inputs a clock (CLS = 0) for slave
(CLK, pin 12)
displays.
WRITE (WR, pin 13)
Data is written into the display when the WR input is low and the
CE input is low.
CHIP ENABLE (CE, pin 17)
Must be at a logic low to read or write data to the display and must go
high between each read and write cycle.
READ (RD, pin 18)
Data is read from the display when the RD input is low and the CE
input is low.
DATA Bus (D0-D7,
Used to read from or write to the display.
pins 19, 20, 23-28)
GND (SUPPLY) (pin 15)
Analog ground for the LED drivers.
GND (LOGIC) (pin 16)
Digital ground for internal logic.
VDD (POWER) (pin 14)
Positive power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com