Electronic Components Datasheet Search
  English  ▼

X  

HDSP-2113 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HDSP-2113
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2113 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2113 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Figure 5. Logic Levels to Access the Flash RAM.
Table 2. Current Requirements at
Different Brightness Levels V
DD = 5.0 V
%
Current at 25
°C
Symbol
D
2
D
1
D
0
Brightness
Typ.
Units
I
DD (V)
0
0
0
100
200
mA
0
0
1
80
160
mA
0
1
0
53
106
mA
01
1
40
80
mA
10
0
27
54
mA
10
1
20
40
mA
11
0
13
26
mA
Figure 6. Logic Levels to Access the Control Word
Register
Control Word Register
Figure 6 shows how to access the
Control Word Register. This 8-bit
register performs five functions:
Brightness control, Flash RAM
control, Blinking, Self Test, and
Clear. Each function is
independent of the others; how-
ever, all bits are updated during
each Control Word write cycle.
Brightness (Bits 0-2)
Bits 0-2 of the Control Word
adjust the brightness of the
display. Bits 0-2 are interpreted
as a three bit binary code with
code (000) corresponding to
maximum brightness and code
(111) corresponding to a blanked
display. In addition to varying the
display brightness, bits 0-2 also
vary the average value of I
DD. IDD
can be calculated at any bright-
ness level by multiplying the
percent brightness level by the
value of I
DD at the 100% bright-
ness level. These values of I
DD are
shown in Table 2.
Flash Function (Bit 3)
Bit 3 determines whether the
flashing character attribute is on
or off. When bit 3 is a“1,” the
output of the Flash RAM is
checked. If the content of a loca-
tion in the Flash RAM is a “1,” the
associated digit will flash at
approximately 2 Hz. For an
external clock, the blink rate can
be calculated by driving the clock
frequency by 28,672. If the flash
enable bit of the Control Word is
a “0,” the content of the Flash
RAM is ignored. To use this
function with multiple display
systems, see the Display Reset
section.
Blink Function (Bit 4)
Bit 4 of the Control Word is used
to synchronize blinking of all
eight digits of the display. When
this bit is a “1” all eight digits of
the display will blink at approxi-
mately 2 Hz. The actual rate is
dependent on the clock frequency.
For an external clock, the blink
rate can be calculated by dividing
the clock frequency by 28,672.
This function will override the
Flash function when it is active.
To use this function with multiple
display systems, see the Display
Reset section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com