Electronic Components Datasheet Search
  English  ▼

X  

HDSP-2113 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HDSP-2113
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2113 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2113 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDSP-2113 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Character RAM
This RAM stores either ASCII character data or a UDC RAM address.
Flash RAM
This is a 1 x 8 RAM which stores Flash data.
User-Defined Character RAM
This RAM stores the dot pattern for custom characters.
(UDC RAM)
User-Defined Character
This register is used to provide the address to the UDC RAM when
Address Register
the user is writing or reading a custom character.
(UDC Address Register)
Control Word Register
This register allows the user to adjust the display brightness, flash
individual characters, blink, self test, or clear the display.
Display Internal Block
Diagram
Figure 1 shows the internal block
diagram of the HDSP-210X/
-211X/-250X displays. The CMOS
IC consists of an 8 byte Character
RAM, an 8 bit Flash RAM, a 128
character ASCII decoder, a 16
character UDC RAM, a UDC
Address Register, a Control Word
Register, and refresh circuitry
necessary to synchronize the
decoding and driving of eight 5 x
7 dot matrix characters. The
major user-accessible portions of
the display are listed below:
Character Ram
Figure 2 shows the logic levels
needed to access the
HDSP-210X/-211X/-250X
Character RAM. During a normal
access, the CE = “0” and either
RD = “0” or WR = “0.” However,
erroneous data may be written
into the Character RAM if the
address lines are unstable when
CE = “0” regardless of the logic
levels of the RD or WR lines.
Address lines A
0-A2 are used to
select the location in the Charac-
ter RAM. Two types of data can
be stored in each Character RAM
location: an ASCII code or a UDC
RAM address. Data bit D
7 is used
to differentiate between the ASCII
character and a UDC RAM
address. D
7 = 0 enables the ASCII
decoder and D
7 = 1 enables the
UDC RAM. D
0-D6 are used to
input ASCII data and D
0-D3 are
used to input a UDC address.
Figure 2. Logic Levels to Access the Character RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com