Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84541IPZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL84541IPZ Datasheet HTML 2Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 3Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL84541, ISL84542, ISL84543, ISL84544
FN6016 Rev 7.00
Page 6 of 18
August 19, 2015
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 3V, RL =1k, CL = 35pF, VIN = 0 to 3V,
See Figure 1
25
-
35
100
ns
Full
-
-
240
ns
Turn-OFF Time, tOFF
VNO or VNC = 3V, RL =1k, CL = 35pF, VIN = 0 to 3V,
See Figure 1
25
-
25
75
ns
Full
-
-
150
ns
Break-Before-Make Time Delay
(ISL84543, ISL84544), tD
RL = 300, CL = 35pF, VNO = VNC = 3V, VIN = 0 to 3V,
See Figure 3
Full
2
10
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0, See Figure 2
25
-
1
5
pC
OFF Isolation
RL = 50, CL = 5pF, f = 1MHz, See Figure 4
25
-
76
-
dB
Crosstalk (Channel-to-Channel)
RL = 50, CL = 5pF, f = 1MHz, See Figure 6
25
-
-90
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
8
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
8
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7,
ISL84541/2/3
25
-
13
-
pF
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7,
ISL84544
25
-
20
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2.7
12
V
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+, all channels on or off
Full
-1
0.0001
1
A
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
NOTES:
5. VIN = input voltage to perform proper function.
6. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6) UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com