Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84541IPZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL84541IPZ Datasheet HTML 1Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 2Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 3Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL84541, ISL84542, ISL84543, ISL84544
FN6016 Rev 7.00
Page 2 of 18
August 19, 2015
Pinouts (Note 1)
ISL84541 (PDIP, SOIC, MSOP)
TOP VIEW
ISL84541 (SOT-23)
TOP VIEW
ISL84542 (PDIP, SOIC)
TOP VIEW
ISL84542 (SOT-23)
TOP VIEW
ISL84543 (PDIP, SOIC)
TOP VIEW
ISL84543 (SOT-23)
TOP VIEW
ISL84544 (PDIP, SOIC)
TOP VIEW
ISL84544 (SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
6
7
8
5
1
2
3
4
NO1
V+
IN2
COM2
COM1
GND
NO2
IN1
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NC1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NO1
V+
IN2
COM2
COM1
GND
NC2
IN1
6
7
8
5
1
2
3
4
6
7
8
5
1
2
3
4
NO
COM
NC
GND
V+
NC
NC
IN
4
5
6
1
2
3
IN
V+
GND
NO
NC
COM
Truth Table
LOGIC
ISL84541 ISL84542
ISL84543
ISL84544
SW 1, 2
SW 1, 2
SW 1
SW 2 PIN NC PIN NO
0
OFF
ON
OFF
ONONOFF
1
ON
OFF
ON
OFF
OFF
ON
NOTE: Logic “0”
 0.8V. Logic “1” 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2.7V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com