Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84541IPZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL84541IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 12Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 13Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 14Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 15Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 16Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 17Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
FN6016 Rev 7.00
Page 18 of 18
August 19, 2015
ISL84541, ISL84542, ISL84543, ISL84544
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2001-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Small Outline Transistor Plastic Packages (SOT23-8)
D
e1
E
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
12
3
4
5
6
87
E1
CL
C
VIEW C
VIEW C
L
R1
R
4X
1
4X
1
GAUGE PLANE
L1
SEATING
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P8.064
8 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.036
0.057
0.90
1.45
-
A1
0.000
0.0059
0.00
0.15
-
A2
0.036
0.051
0.90
1.30
-
b
0.009
0.015
0.22
0.38
-
b1
0.009
0.013
0.22
0.33
c
0.003
0.009
0.08
0.22
6
c1
0.003
0.008
0.08
0.20
6
D
0.111
0.118
2.80
3.00
3
E
0.103
0.118
2.60
3.00
-
E1
0.060
0.067
1.50
1.70
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0768 Ref
1.95 Ref
-
L
0.014
0.022
0.35
0.55
4
L1
0.024 Ref.
0.60 Ref.
L2
0.010 Ref.
0.25 Ref.
N8
8
5
R
0.004
-
0.10
-
R1
0.004
0.010
0.10
0.25
0o
8o
0o
8o
-
Rev. 2 9/03
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC-74 and JEDEC MO178BA.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com