Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84541IPZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL84541IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 12Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 13Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 14Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 15Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ISL84541, ISL84542, ISL84543, ISL84544
FN6016 Rev 7.00
Page 12 of 18
August 19, 2015
FIGURE 13. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. CROSSTALK AND OFF ISOLATION
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
ISL84541: 66
ISL84542: 66
ISL84543: 66
ISL84544: 58
PROCESS:
Si Gate CMOS
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
V+ (V)
100
80
60
40
20
23456789
10
11
12
30
50
70
90
-40oC
25oC
85oC
V+ (V)
35
30
25
20
15
23456789
10
11
12
25oC
-40oC
85oC
-40oC
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
-40oC
85oC
25oC
-40oC
85oC
VINH
VINL
85oC
25oC
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
V+ = 3.3V to 12V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2.5VP-P (V+ = 3.3V)
VIN = 0.2VP-P to 4VP-P (V+ = 5V)
VIN = 0.2VP-P to 5VP-P (V+ = 12V)
RL = 50
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V to 13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com