Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84541IPZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL84541IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 12Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 13Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL84541, ISL84542, ISL84543, ISL84544
FN6016 Rev 7.00
Page 10 of 18
August 19, 2015
Detailed Description
The ISL84541–ISL84544 dual analog switches offer precise
switching capability from a single 2.7V to 12V supply with low
on-resistance (30
) and high speed operation (tON = 35ns,
tOFF = 25ns). The devices are especially well suited to portable
battery powered equipment thanks to the low operating supply
voltage (2.7V), low power consumption (5
W), low leakage
currents (100pA max), and the tiny SOT-23 packaging. High
frequency applications also benefit from the wide bandwidth,
and the very high off isolation and crosstalk rejection.
Supply Sequencing And Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and to GND (see
Figure 8). To prevent forward biasing these diodes, V+ must be
applied before any input signals, and input signal voltages must
remain between V+ and GND. If these conditions cannot be
guaranteed, then one of the following two protection methods
should be employed.
Logic inputs can easily be protected by adding a 1k
 resistor in
series with the input (see Figure 8). The resistor limits the input
current below the threshold that produces permanent damage,
and the sub-microamp input current produces an insignificant
voltage drop during normal operation.
Adding a series resistor to the switch input defeats the purpose
of using a low RON switch, so two small signal diodes can be
added in series with the supply pins to provide overvoltage
protection for all pins (see Figure 8). These additional diodes
limit the analog signal from 1V below V+ to 1V above GND. The
low leakage current performance is unaffected by this approach,
but the switch resistance may increase, especially at low supply
voltages.
Power-Supply Considerations
The ISL8454X construction is typical of most CMOS analog
switches, except that they have only two supply pins: V+ and
GND. V+ and GND drive the internal CMOS switches and set
their analog voltage limits. Unlike switches with a 13V maximum
supply voltage, the ISL8454X 15V maximum supply voltage
provides plenty of room for the 10% tolerance of 12V supplies, as
well as room for overshoot and noise spikes.
The minimum recommended supply voltage is 2.7V. It is
important to note that the input signal range, switching times, and
on-resistance degrade at lower supply voltages. Refer to the
electrical specification tables and Typical Performance curves for
details.
V+ and GND also power the internal logic and level shifters. The
level shifters convert the logic levels to switched V+ and GND
signals to drive the analog switch gate terminals.
This family of switches cannot be operated with bipolar supplies,
because the input switching point becomes negative in this
configuration.
Logic-Level Thresholds
This switch family is TTL compatible (0.8V and 2.4V) over a
supply range of 3V to 11V (see Figure 15). At 12V the VIH level
is about 2.5V. This is still below the TTL guaranteed high
output minimum level of 2.8V, but noise margin is reduced. For
best results with a 12V supply, use a logic family the provides a
VOH greater than 3V.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving the
digital input signals from GND to V+ with a fast transition time
minimizes power dissipation.
High-Frequency Performance
In 5
systems, signal response is reasonably flat even past
300MHz (see Figure 16). Figure 16 also illustrates that the
frequency response is very consistent over a wide V+ range,
and for varying analog signal levels.
An off switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off Isolation is
the resistance to this feedthrough, while Crosstalk indicates
the amount of feedthrough from one switch to another. Figure
17 details the high Off Isolation and Crosstalk rejection
provided by this family. At 10MHz, off isolation is about 50dB in
5
systems, decreasing approximately 20dB per decade as
frequency increases. Higher load impedances decrease Off
Isolation and Crosstalk rejection due to the voltage divider
action of the switch OFF impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND. One
of these diodes conducts if any analog signal exceeds V+ or
GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced, they
are reverse biased differently. Each is biased by either V+ or
GND and the analog signal. This means their leakages will
GND
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
INX
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
FIGURE 8. OVERVOLTAGE PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com