Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84541IPZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL84541IPZ Datasheet HTML 4Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 5Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL84541, ISL84542, ISL84543, ISL84544
FN6016 Rev 7.00
Page 8 of 18
August 19, 2015
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS (ISL84543 ONLY)
CL includes fixture and stray capacitance.
FIGURE 3B. TEST CIRCUIT (ISL84543 ONLY)
50%
tr < 20ns
tf < 20ns
tOFF
90%
3V
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL R ON

+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
1k
35pF
GND
V+
C
VOUT
VOUT
ON
OFF
ON
Q =
VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COM
NO or NC
V+
C
LOGIC
INPUT
IN
90%
3V
0V
tD
0V
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
90%
tD
0V
VOUT1
VOUT2
LOGIC
INPUT
IN1
COM1
RL1
CL1
VOUT1
300
35pF
COM2
RL2
CL2
VOUT2
300
35pF
NO1
NC2
GND
IN2
VNX
V+
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com