Electronic Components Datasheet Search
  English  ▼

X  

ISL84541IPZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL84541IPZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84541IPZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL84541IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 12Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 13Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 14Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 15Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 16Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 17Page - Renesas Technology Corp ISL84541IPZ Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ISL84541, ISL84542, ISL84543, ISL84544
FN6016 Rev 7.00
Page 17 of 18
August 19, 2015
Package Outline Drawing
P6.064
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
Rev 4, 2/10
Dimension is exclusive of mold flash, protrusions or gate burrs.
Package conforms to JEDEC MO-178AB.
Foot length is measured at reference to guage plane.
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
5.
3.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
END VIEW
INDEX AREA
PIN 1
SEATING PLANE
GAUGE
0.45±0.1
(2 PLCS)
10° TYP
4
1.90
0.40 ±0.10
2.90 ±0.10
0.95
1.60 +0.15/-0.10
2.80
0.00-0.15
1.15 +0.15/-0.25
0.20
C A-B D
M
(1.20)
(0.60)
(0.95)
(2.40)
0.10 C
0.08-0.22
SEE DETAIL X
(0.25)
1.45 MAX
(0.60)
0-8°
C
B
A
D
3
3
3
3
0.20 C
2x
12
3
65
4
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com