| Electronic Components Datasheet Search |
|
ML670100 Datasheet(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML670100 Datasheet(HTML) 4 Page - OKI electronic componets |
|
4 / 27 page ![]() Semiconductor ML670100 / 27 4 PIN DESCRIPTIONS Type Signal Name I/O Direction Description Address bus XA23 - XA16 Output These are bits 23-16 of the external address bus. They represent secondary functions for I/O port PIO0[7:0]. XA15 - XA0 Output These are bits 15 - 0 of the external address bus. Data bus XD15 - XD8 Bidirectional These are bits 15-8 of the external data bus. They represent secondary functions for I/O port PIO1[7:0]. XD7- -XD0 Bidirectional These are bits 7-0 of the external data bus. Bus nCS0 Output This output is the chip select signal for bank 0. control signals nCS1 Output This output is the chip select signal for bank 1. It represents a secondary function for I/O port PIO2[6]. nRD Output This output is the read signal for SRAM banks (0 and 1). nWRL Output This output is the Write Enable Low signal for SRAM banks (0 and 1). nWRH Output This output is the Write Enable High signal for SRAM banks (0 and 1). It represents a secondary function for I/O port PIO2[5]. nWRE Output This output is the Write Enable signal for SRAM banks (0 and 1). nLB Output This output is the Low Byte Select signal for SRAM banks (0 and 1). nHB Output This output is the High Byte Select signal for SRAM banks (0 and 1). It represents a secondary function for I/O port PIO2[5]. nRAS0 Output This output is the Row Address Strobe signal for bank 2. It represents a secondary function for I/O port PIO2[2]. nRAS1 Output This output is the Row Address Strobe signal for banks 3. It represents a secondary function for I/O port PIO2[4]. nCASL Output This output is the Column Address Strobe Low signal for DRAM banks (2 and 3). It represents a secondary function for I/O port PIO2[1]. nCASH Output This output is the Column Address Strobe High signal for DRAM banks (2 and 3). It represents a secondary function for I/O port PIO2[3]. nWE Output This output is the Write Enable signal for DRAM banks (2 and 3). It represents a secondary function for I/O port PIO2[0]. nCAS Output This output is the Column Address Strobe signal for DRAM banks (2 and 3). It represents a secondary function for I/O port PIO2[1]. nWH Output This output is the Write Enable High signal for DRAM banks (2 and 3). It represents a secondary function for I/O port PIO2[3]. nWL Output This output is the Write Enable Low signal for DRAM banks (2 and 3). It represents a secondary function for I/O port PIO2[0]. nXWAIT Input This input pin controls insertion of wait cycles. It represents a secondary function for I/O port PIO2[7]. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |