Electronic Components Datasheet Search
  English  ▼

X  

ML670100 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML670100
Description  OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML670100 Datasheet(HTML) 5 Page - OKI electronic componets

  ML670100 Datasheet HTML 1Page - OKI electronic componets ML670100 Datasheet HTML 2Page - OKI electronic componets ML670100 Datasheet HTML 3Page - OKI electronic componets ML670100 Datasheet HTML 4Page - OKI electronic componets ML670100 Datasheet HTML 5Page - OKI electronic componets ML670100 Datasheet HTML 6Page - OKI electronic componets ML670100 Datasheet HTML 7Page - OKI electronic componets ML670100 Datasheet HTML 8Page - OKI electronic componets ML670100 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Semiconductor
ML670100
/ 27
5
PIN DESCRIPTIONS (Cont.)
Type
Signal Name I/O Direction Description
Bus
control
nBREQ
Input
This input is a bus request signal from an external device.
It represents a secondary function for I/O port PIO7[6].
signals nBACK
Output
This output is an acknowledgment signal to a bus request signal
from an external device.
It represents a secondary function for
I/O port PIO7[7].
Interru-
pts
nEFIQ
Input
This input is an external fast interrupt request (FIQ). When
accepted, the request is processed as an FIQ exception.
nEIR[7:0]
Input
This inputs are external interrupt requests.
They represent
secondary functions for I/O port PIO3[7:0].
Timers TMIN[5:0]
Input
These pins function as capture trigger input pins for Flexible
Timer channels 5-0 in capture mode. They represent secondary
functions for I/O port PIO4[5:0].
TMOUT[5:0] Output
These pins function as output pins for Flexible Timer channels
5-0 in compare output or PWM mode. They represent
secondary functions for I/O port PIO4[5:0].
TMCLK[1:0] Input
These pins function as Flexible Timer channels 1 and 0 clock
input pins.
They represent secondary functions for I/O port
PIO4[7:6].
Serial
ports
ASI_TXD
Output
This output is the transmit data for the Asynchronous Serial
Interface.
It represents a secondary function for I/O port
PIO5[7].
ASI_RXD
Input
This input is the receive data for the Asynchronous Serial
Interface.
It represents a secondary function for I/O port
PIO5[6].
CSI0_TXD
Output
This output is the transmit data for the Clock Synchronous
Serial Interface 0.
It represents a secondary function for I/O
port PIO5[2].
CSI0_RXD
Input
This input is the receive data for the Clock Synchronous Serial
Interface 0.
It represents a secondary function for I/O port
PIO5[1].
CSI0_SCLK
Bidirectional This pin accepts/provides clock signal for the Clock
Synchronous Serial Interface 0.
It represents a secondary
function for I/O port PIO5[0].
CSI1_TXD
Output
This output is the transmit data for the Clock Synchronous
Serial Interface 1.
It represents a secondary function for I/O
port PIO5[5].
CSI1_RXD
Input
This input is the receive data for the Clock Synchronous Serial
Interface 1.
It represents a secondary function for I/O port
PIO5[4].
CSI1_SCLK
Bidirectional This pin accepts/provides clock signal for the Clock
Synchronous Serial Interface 1.
It represents a secondary
function for I/O port PIO5[3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com