Electronic Components Datasheet Search
  English  ▼

X  

ML670100 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML670100
Description  OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML670100 Datasheet(HTML) 1 Page - OKI electronic componets

  ML670100 Datasheet HTML 1Page - OKI electronic componets ML670100 Datasheet HTML 2Page - OKI electronic componets ML670100 Datasheet HTML 3Page - OKI electronic componets ML670100 Datasheet HTML 4Page - OKI electronic componets ML670100 Datasheet HTML 5Page - OKI electronic componets ML670100 Datasheet HTML 6Page - OKI electronic componets ML670100 Datasheet HTML 7Page - OKI electronic componets ML670100 Datasheet HTML 8Page - OKI electronic componets ML670100 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1 / 27
Semiconductor
ML670100
OKI’s High-Performance CMOS 32-Bit Single Chip Microcontroller
GENERAL DESCRIPTION
The ML670100 is a high-performance 32-bit microcontroller combining a RISC based, 32-bit CPU core -
the ARM7TDMI
TM - with memory and such peripheral circuits as timers, serial ports, and analog-to-
digital converter. This combination of 32-bit data processing, built-in memory, and on-chip peripherals
make it ideal for controlling equipment requiring both high speed and high functionality. An external
memory controller supports direct connection to memory and peripheral devices for adding even more
functionality.
FEATURES
Operating Voltage
2.7 to 3.6V
Operating Frequency 25MHz maximum(3.0 to 3.6V)
On-chip memory
-ROM: 128 kilobytes
-RAM: 4 kilobytes
I/O Function
I/O ports: 8 bits x 9, I/O directions are specified at the bit level
Timer
-Flexible timer (16-bit multi-function timer with six channels)
Choice of operating modes: auto-reload timer, compare output, PWM
and capture
-Time base counter with WDT function
Serial Port
-One asynchronous serial port (UART) with baud rate generator
-Two clock synchronous serial port
A-to-D Converter
-8-bit resolution A-to-D converter with eight analog input ports
Interrupt
Controller
-Support for 28 interrupt sources: 9 external and 19 internal
-Choice of eight priority levels for each source
External Memory
Controller
-Direct connection to ROM, SRAM, DRAM and peripheral devices
-Support for four banks: two for ROM, SRAM and I/O devices plus two for
DRAM
-User-configurable bus width (8/16 bits) and wait control and other
parameters for accessing memory and external devices
Clock Generator
-Built-in crystal oscillation circuit and PLL
-Choice of divider ratio (1/1, 1/2, 1/4) for adjusting operating clock frequency
to match the load of processing
Package
144-pin LQFP ( LQFP144-P-2020-0.50-K)
ARM POWERED logo is the registered trademark of ARM Limited. ARM7TDMI is the trademark of ARM Limited.
The Information contained herein can change without notice owing to product and/or technical i
mprovement.
The signal name of negative logic is being changed to nXXX from XXX in this data sheet.
Version 2
Aug., 1999


Similar Part No. - ML670100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML6701A MITSUBISHI-ML6701A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML670100

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com